Electronic Components Datasheet Search
  English  ▼

X  

UM0428 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0428
Description  IGBT Power module evaluation kit - Semitop2 power board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0428 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0428 Datasheet HTML 5Page - STMicroelectronics UM0428 Datasheet HTML 6Page - STMicroelectronics UM0428 Datasheet HTML 7Page - STMicroelectronics UM0428 Datasheet HTML 8Page - STMicroelectronics UM0428 Datasheet HTML 9Page - STMicroelectronics UM0428 Datasheet HTML 10Page - STMicroelectronics UM0428 Datasheet HTML 11Page - STMicroelectronics UM0428 Datasheet HTML 12Page - STMicroelectronics UM0428 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
UM0428
Board architecture
9/27
In the three-shunt configuration, the amplification is positive and an offset is added to keep
the negative values of the current in the range of ADC also. The levels of the amplified
signals are compatible with 3.3 V microcontrollers.
5
To use the ICS, the operational amplifiers U1 network must be modified according to sensor
characteristics. For example using the LTSR 6-NP having Vo=2.5 V + 0.625*I/6 A, the
following steps are required:
–
remove R1, R32, R52
–
short circuit R21, R22, R44, R45, R65, R66
–
replace R4, R28, R54, with 330
Ω
–
replace R15, R35, R55 with 680
Ω
The BEMF conditioning network can be configured to use internal or external comparators.
For the ST7MC control board STEVAL-IHM010V1 internal comparators should be used.
The board is featured with a conditioning network for the following kinds of sensors:
●
Hall sensors (three inputs H1, H2, H3)
●
Encoder (one sensor with three inputs A+, B+, Z+)
●
Tachometer sensor (one sensor)
Figure 5 shows the power board layout and the relative connectors.
Figure 5.
Power board layout
5.1
MC Connector
The 34-pin MC connector has been designed as the standard to connect the control board
to the power board. Following the configuration of the MC connector, it is possible to design
a different control board or a power board preserving the compatibility between the two



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com