Electronic Components Datasheet Search
  English  ▼

X  

UM0428 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM0428
Description  IGBT Power module evaluation kit - Semitop2 power board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0428 Datasheet(HTML) 4 Page - STMicroelectronics

  UM0428 Datasheet HTML 1Page - STMicroelectronics UM0428 Datasheet HTML 2Page - STMicroelectronics UM0428 Datasheet HTML 3Page - STMicroelectronics UM0428 Datasheet HTML 4Page - STMicroelectronics UM0428 Datasheet HTML 5Page - STMicroelectronics UM0428 Datasheet HTML 6Page - STMicroelectronics UM0428 Datasheet HTML 7Page - STMicroelectronics UM0428 Datasheet HTML 8Page - STMicroelectronics UM0428 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
System architecture
UM0428
4/27
1
System architecture
The generic motor control system can be schematized as the arrangement of four blocks
(see Figure 2):
●
Control block
●
Power block
●
Motor
●
Power supply
Figure 2.
Motor control system architecture
The system proposed for the IGBT power module eval kit is composed of one control board
STEVAL-IHM010V1, one power board STEVAL-IHM011V1, one motor and the power
supply.
The control board STEVAL-IHM010V1 is a Microcontroller (ST7MC) based board that
provides the driving signals related to the motor selected and the driving strategies.
Driving signals are constituted of 6 PWM signals in the range of 0-5 V (see Note 2) paired in
High side/low side pairs of one signal for each leg. In the system proposed three legs are
present (three-phase inverter).
The Power Board STEVAL-IHM011V1 is based on a power module (STG3P2M10N60B)
that converts the control signal in the power signals to drive the motor. The connection
between the control board and the power board is performed through a dedicated 32-pin
connector called “motor control connector” (see Section 5.1: MC Connector).
The IGBT power module eval kit is able to drive the following kinds of motors:
●
AC induction motor, sensored
●
Brushless permanent magnet motor (trapezoidal driven), sensored or sensorless
●
Brushless permanent magnet motor (sinusoidal driven), sensored
The power board is supplied by a high voltage AC power supply 220 V (or 110 V) with the
capability to generate current up to 10 amps.
2
The power board can accept control signals in the range of 0-3.3 V if the jumpers are
properly configured.
Control
Block
Power
Block
Power
Supply
Motor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com