Electronic Components Datasheet Search
  English  ▼

X  

UM0428 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0428
Description  IGBT Power module evaluation kit - Semitop2 power board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0428 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0428 Datasheet HTML 15Page - STMicroelectronics UM0428 Datasheet HTML 16Page - STMicroelectronics UM0428 Datasheet HTML 17Page - STMicroelectronics UM0428 Datasheet HTML 18Page - STMicroelectronics UM0428 Datasheet HTML 19Page - STMicroelectronics UM0428 Datasheet HTML 20Page - STMicroelectronics UM0428 Datasheet HTML 21Page - STMicroelectronics UM0428 Datasheet HTML 22Page - STMicroelectronics UM0428 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
UM0428
Motor control demonstration
19/27
If the STEVAL-IHM010V1 is used, Table 7 can be used to configure the jumper related to
the driving strategy.
W11
Between 1-2
If sensorless control is set (see W9), it connects motor phase C to MC connector through
R59-R60-R61-R62 feedback resistors. In this case the microcontroller internal comparator
is used to detect the BEMF.
Between 2-3
The external comparator U2C is used to detect the BEMF. If sensorless control is set (see
W9), it connects the output of U2C to MC connector.
Not present
Use this setting for sensored control (Tacho, Encoder, Hall)
W12
Present
It is used to connect Tachometer sensor signal, already conditioned, to "Measure Phase
C" pin of MC connector. W9 jumper must be not present.
Not Present
Tachometer input is not connected.
W13
Between 1-2
It sets Vdd_Micro value to +3.3 V.
Between 2-3
It sets Vdd_Micro value to +5 V.
Not present
Pin 28 of MC connector is not supplied
W14
Present
It connects the +5 V to pin 25 of MC connector.
Not present
Pin 25 of MC connector is not supplied.
W16
Between 1-2
Use this setting if the Mains is above 24 Vac. VIPer is used to obtain 15 V.
Between 2-3
Use this setting if the Mains is below 24 Vac. L7815 regulator is used to obtain 15 V.
Open
Leave open if +15 V DC external power supply is used.
W18
Present(1)
Connect the Diag signal of the driver to the Fault pin 1 of MC connector through the U12A
used to adapt voltage level.
Not Present
Fault pin 1 of MC connector is not connected.
W19
Present(1)
Connect the comparator U5A "Thermal Protection" to the shutdown pin of the driver. When
over temperature occurs based on U5A comparison (see Temp_Vref in the schematic) the
drivers are stopped.
W21
Not Present
Remove it to disconnect "Thermal Protection" measured by U5A with the shutdown pin of
the driver.
Between 1-2
Use this setting for shunt resistor feedback
Between 2-3
Use this setting for ICS feedback
W22
Between 1-2
Use this setting for shunt resistor feedback
Between 2-3
Use this setting for ICS feedback
W23
Between 1-2
Use this setting for shunt resistor feedback
Between 2-3
Use this setting for ICS feedback
W24
Open
Overvoltage threshold settings. Use this setting when the micro is supplied with 5 V
Closed
Use this setting when the micro is supplied with 3.3 V
1.
Default setting
Table 6.
Jumpers settings (continued)
Name
Selection
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com