Electronic Components Datasheet Search
  English  ▼

X  

UM0428 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0428
Description  IGBT Power module evaluation kit - Semitop2 power board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0428 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0428 Datasheet HTML 1Page - STMicroelectronics UM0428 Datasheet HTML 2Page - STMicroelectronics UM0428 Datasheet HTML 3Page - STMicroelectronics UM0428 Datasheet HTML 4Page - STMicroelectronics UM0428 Datasheet HTML 5Page - STMicroelectronics UM0428 Datasheet HTML 6Page - STMicroelectronics UM0428 Datasheet HTML 7Page - STMicroelectronics UM0428 Datasheet HTML 8Page - STMicroelectronics UM0428 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
UM0428
Safety and operating instructions
5/27
2
Safety and operating instructions
2.1
General
During assembly and operation, the IGBT power module eval kit poses several inherent
hazards, including bare wires, moving or rotating parts, and hot surfaces. There is danger of
serious personal injury and damage to property, if it is improperly used or installed
incorrectly.
All operations involving transportation, installation and use, as well as maintenance should
be carried out by skilled technical personnel (national accident prevention rules must be
observed). For the purposes of these basic safety instructions, "skilled technical personnel"
are suitably qualified people who are familiar with the installation, use, and maintenance of
power electronic systems.
2.2
Reference design board intended use
The IGBT power module eval kit boards are components designed for demonstration
purposes only, and shall not be used for electrical installation or machinery. The technical
data as well as information concerning the power supply conditions shall be taken from the
documentation and strictly observed.
2.3
Reference design board installation
The installation and cooling of the reference design boards shall be in accordance with the
specifications and the targeted application.
●
The motor drive converters shall be protected against excessive strain. In particular, no
components are to be bent, or isolating distances altered during the course of
transportation or handling.
●
No contact shall be made with other electronic components and contacts.
●
The boards contain electrostatically sensitive components that are prone to damage
through improper use. Electrical components must not be mechanically damaged or
destroyed (to avoid potential health risks).
2.4
Electronic connection
Applicable national accident prevention rules must be followed when working on the main
power supply with a motor drive. The electrical installation shall be completed in accordance
with the appropriate requirements (e.g., cross-sectional areas of conductors, fusing, PE
connections).
2.5
Reference design board operation
A system architecture which supplies power to the IGBT power module eval kit boards shall
be equipped with additional control and protective devices in accordance with the applicable
safety requirements (e.g., compliance with technical equipment and accident prevention
rules).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com