Electronic Components Datasheet Search
  English  ▼

X  

TSI721 Datasheet(PDF) 28 Page - Integrated Device Technology

Part # TSI721
Description  This document uses the following conventions
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI721 Datasheet(HTML) 28 Page - Integrated Device Technology

Back Button TSI721 Datasheet HTML 24Page - Integrated Device Technology TSI721 Datasheet HTML 25Page - Integrated Device Technology TSI721 Datasheet HTML 26Page - Integrated Device Technology TSI721 Datasheet HTML 27Page - Integrated Device Technology TSI721 Datasheet HTML 28Page - Integrated Device Technology TSI721 Datasheet HTML 29Page - Integrated Device Technology TSI721 Datasheet HTML 30Page - Integrated Device Technology TSI721 Datasheet HTML 31Page - Integrated Device Technology TSI721 Datasheet HTML 32Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
2. Signals > Power Supply Signals
Tsi721 Datasheet
28
May 5, 2014
Formal Status
This document is confidential and is subject to an NDA.
Integrated Device Technology
2.11
Power Supply Signals
Table 10: Power Supply Signals
Name
Pin Type
Description
VDD
PWR
1.0V core power
VDDIO
PWR
3.3/2.5V power for LVTTL IO
AVDD10
PWR
1.0V PCIe and S-RIO SerDes analog power supply
AVDD25
PWR
2.5V PCIe and S-RIO SerDes analog power supply
AVTT
PWR
1.5V PCIe and S-RIO SerDes transmitter analog voltage
VSS
GND
Shared digital and analog ground
PCBIAS
IO
Reference for the corresponding PCIe SerDes bias currents and PLL calibration
circuitry. A 200 Ohm 1% 100ppm/C precision resistor should be connected from
this pin to ground and isolated from any source of noise injection.
SRBIAS
IO
Reference for the corresponding S-RIO SerDes bias currents and PLL
calibration circuitry. A 200 Ohm 1% 100ppm/C precision resistor should be
connected from this pin to ground and isolated from any source of noise
injection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com