Electronic Components Datasheet Search
  English  ▼

X  

TSI721 Datasheet(PDF) 55 Page - Integrated Device Technology

Part # TSI721
Description  This document uses the following conventions
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI721 Datasheet(HTML) 55 Page - Integrated Device Technology

Back Button TSI721 Datasheet HTML 51Page - Integrated Device Technology TSI721 Datasheet HTML 52Page - Integrated Device Technology TSI721 Datasheet HTML 53Page - Integrated Device Technology TSI721 Datasheet HTML 54Page - Integrated Device Technology TSI721 Datasheet HTML 55Page - Integrated Device Technology TSI721 Datasheet HTML 56Page - Integrated Device Technology TSI721 Datasheet HTML 57Page - Integrated Device Technology TSI721 Datasheet HTML 58Page - Integrated Device Technology TSI721 Datasheet HTML 59Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
3. Electrical Characteristics > AC Timing Specifications
Tsi721 Datasheet
55
May 5, 2014
Formal Status
This document is confidential and is subject to an NDA.
Integrated Device Technology
3.7.4.3.4
Level II Short Run Receiver Specifications
Table 29: Level II Short Run Receiver Electrical Input Specifications
Characteristic
Symbol
Reference
Minimal
Typical
Maximum
Units
Rx baud rate (5 Gbps)
R_Baud
Section
10.3.2.2.1
5.00
-0.01%
5.00
5.00
+0.01%
Gbps
Absolute input voltage
R_Vin
Section
10.3.2.2.3
---
-
Input differential voltage
R_Vdiff
Section
10.3.2.2.3
125
-
750
mVppd
Differential resistance
R_Rdin
Section
10.3.2.2.7
80
100
120
Ohm
Bias voltage source impedance1
(load types 1 to 3)
R_Zvtt
-
-
-
30
Ohm
Differential input return loss
(100 MHz to 0.5*R_Baud)
R_SDD11
Section
10.3.2.2.7
--
-8
dB
Differential input return loss
(0.5*R_Baud to R_Baud)
--
---
-
Common mode input return loss
(100 MHz to 0.5*R_Baud)
R_SCC11
Section
10.3.2.2.7
--
-6
dB
Termination voltage1,2
R_Vtt
R_Vtt
floating4
Not specified
V
R_Vtt =
1.2V
Nominal
1.2 -8%
-
1.2 +5%
R_Vtt =
1.0V
Nominal
1.0 -8%
-
1.0 +5%
R_Vtt =
0.8V
Nominal
0.8 -8%
-
0.8 +5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com