Electronic Components Datasheet Search
  English  ▼

X  

TSI721 Datasheet(PDF) 36 Page - Integrated Device Technology

Part # TSI721
Description  This document uses the following conventions
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI721 Datasheet(HTML) 36 Page - Integrated Device Technology

Back Button TSI721 Datasheet HTML 32Page - Integrated Device Technology TSI721 Datasheet HTML 33Page - Integrated Device Technology TSI721 Datasheet HTML 34Page - Integrated Device Technology TSI721 Datasheet HTML 35Page - Integrated Device Technology TSI721 Datasheet HTML 36Page - Integrated Device Technology TSI721 Datasheet HTML 37Page - Integrated Device Technology TSI721 Datasheet HTML 38Page - Integrated Device Technology TSI721 Datasheet HTML 39Page - Integrated Device Technology TSI721 Datasheet HTML 40Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
3. Electrical Characteristics > AC Timing Specifications
Tsi721 Datasheet
36
May 5, 2014
Formal Status
This document is confidential and is subject to an NDA.
Integrated Device Technology
7. ZRX-HIGH-IMP-DC-NEG and ZRX-HIGH-IMP-DC-POS are defined respectively for negative and positive voltages at the
input of the Receiver. Transmitter designers need to comprehend the large difference between >0 and <0 Rx impedances
when designing Receiver detect circuits.
8. The LRX-SKEW parameter exists to handle repeaters that regenerate Refclk and introduce differing numbers of skips on
different lanes.
3.7.2
PCIe Differential Transmitter Specifications
Table 19 lists the electrical characteristics for the PCIe differential transmitters in the Tsi721. Parameters are defined
separately for 2.5 Gbps and 5.0 Gbps implementations. Table 19 is duplicated from the PCI Express Base Specification
(Rev. 2.1) Section 4.3.3.5 Table 4-9 on page 252.
Table 19: PCIe Differential Transmitter Specifications
Symbol
Parameter
2.5 Gbps
5.0 Gbps
Unit
Notes
Min.
Max.
Min.
Max.
UI
Unit interval
399.88
400.12
199.94
200.06
ps
The specified UI is equivalent to a
tolerance of +/- 300ppm for each Refclk
source. Period does not account for
SSC induced variations. See Note 1.
VTX-DIFF-PP
Differential p-p Tx voltage
swing
0.8
1.2
0.8
1.2
V
As measured with compliance test load.
Defined as 2*|VTXD+ - VTXD-|
VTX-DIFF-PP-LOW Low power differential p-p
Tx voltage swing
0.4
1.2
0.4
1.2
V
As measured with compliance test load.
Defined as 2*|VTXD+ - VTXD-|. See Note
9.
VTX-DE-RATIO-3.
5DB
Tx de-emphasis level
ratio
3.0
4.0
3.0
4.0
dB
See Section 4.3.3.9 of PCI Express
Base Specification (Rev. 2.1) and Note
11 for information.
VTX-DE-RATIO-6DB Tx de-emphasis level
ratio
N/A
N/A
5.5
6.5
dB
See Section 4.3.3.9 of PCI Express
Base Specification (Rev. 2.1) and Note
11 for information.
TMIN-PULSE
Instantaneous lone pulse
width
Not specified
0.9
-
UI
Measured relative to rising/falling
pulses. See Notes 2,10 and Figure 4-29
of PCI Express Base Specification
(Rev. 2.1)
TTX-EYE
Transmitter eye including
all jitter sources
0.75
-
0.75
-
UI
Does not include SSC or Refclk jitter.
Includes Rj at 10-12. See Notes 2, 3, 4
and 10. Note that 2.5 Gbps and 5.0
Gbps use different jitter determination
methods.
TTX-EYE-MEDIAN
-to-MAX-JITTER
Maximum time between
the jitter median and
maximum deviation from
the median
-
0.125
Not specified
UI
Measured differentially at zero crossing
points after applying the 2.5 Gbps clock
recovery function. See Note 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com