Electronic Components Datasheet Search
  English  ▼

X  

TSI721 Datasheet(PDF) 37 Page - Integrated Device Technology

Part # TSI721
Description  This document uses the following conventions
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI721 Datasheet(HTML) 37 Page - Integrated Device Technology

Back Button TSI721 Datasheet HTML 33Page - Integrated Device Technology TSI721 Datasheet HTML 34Page - Integrated Device Technology TSI721 Datasheet HTML 35Page - Integrated Device Technology TSI721 Datasheet HTML 36Page - Integrated Device Technology TSI721 Datasheet HTML 37Page - Integrated Device Technology TSI721 Datasheet HTML 38Page - Integrated Device Technology TSI721 Datasheet HTML 39Page - Integrated Device Technology TSI721 Datasheet HTML 40Page - Integrated Device Technology TSI721 Datasheet HTML 41Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
3. Electrical Characteristics > AC Timing Specifications
Tsi721 Datasheet
37
May 5, 2014
Formal Status
This document is confidential and is subject to an NDA.
Integrated Device Technology
TTX-HF-DJ-DD
Tx deterministic jitter >
1.5 MHz
Not specified
-
0.15
UI
Deterministic jitter only. See Notes 2 and
10.
TTX-LF-RMS
TX RMS jitter < 1.5 MHz
Not specified
3.0
-
ps
RMS
Total energy measured over a 10 kHz -
1.5 MHz range
TTX-RISE-FALL
Transmitter rise and fall
time
0.125
-
0.15
-
UI
Measured differentially from 20% to
80% of swing. See Note 2 and Figure
4-28 of PCI Express Base Specification
(Rev. 2.1)
TRF-MISMATCH
Tx rise/fall mismatch
Not specified
-
0.1
UI
Measured from 20% to 80%
differentially. See Note 2.
BWTX-PLL
Maximum Tx PLL
bandwidth
-
22
-
16
MHz
Second order PLL jitter transfer
bounding function. See Note 6.
BWTX-PLL-LO-3DB Minimum Tx PLL BW for
3dB peaking
1.5
-
8
-
MHz
Second order PLL jitter transfer
bounding function. See Notes 6 and 8.
BWTX-PLL-LO-1DB Minimum Tx PLL BW for
1dB peaking
Not specified
5
-
MHz
Second order PLL jitter transfer
bounding function. See Notes 6 and 8.
PKGTX-PLL1
Tx PLL peaking with
8MHz BW
Not specified
-
3.0
dB
See Note 8.
PKGTX-PLL2
Tx PLL peaking with
5MHz BW
Not specified
-
1.0
dB
See Note 8.
RLTX-DIFF
Tx package plus Si
differential return loss
10
-
10 for
0.05-1.25
GHz
8 for
1.25-2.5
GHz
-
dB
For more information, refer to Figure
4-34 of PCI Express Base Specification
(Rev. 2.1)
RLTX-CM
Tx package plus Si
common mode return loss
6
-
6
-
dB
Measured over 0.05 - 1.25 GHz range
for 2.5 Gbps and 0.05 - 2.5 GHz range
for 5.0 Gbps (S11 parameter)
ZTX-DIFF-DC
DC differential Tx
impedance
80
120
-
120
W
Low impedance defined during
signaling. Parameter is captured for 5.0
GHz by RLTX-DIFF.
VTX-CM-AC-PP
Tx AC common mode
voltage (5.0 Gbps)
Not specified
-
100
mV
See Note 5.
VTX-CM-AC-P
TX AC common mode
voltage (2.5 Gbps)
20
-
Not specified
mV
See Note 5.
Table 19: PCIe Differential Transmitter Specifications (Continued)
Symbol
Parameter
2.5 Gbps
5.0 Gbps
Unit
Notes
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com