Electronic Components Datasheet Search
  English  ▼

X  

TSI721 Datasheet(PDF) 32 Page - Integrated Device Technology

Part # TSI721
Description  This document uses the following conventions
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI721 Datasheet(HTML) 32 Page - Integrated Device Technology

Back Button TSI721 Datasheet HTML 28Page - Integrated Device Technology TSI721 Datasheet HTML 29Page - Integrated Device Technology TSI721 Datasheet HTML 30Page - Integrated Device Technology TSI721 Datasheet HTML 31Page - Integrated Device Technology TSI721 Datasheet HTML 32Page - Integrated Device Technology TSI721 Datasheet HTML 33Page - Integrated Device Technology TSI721 Datasheet HTML 34Page - Integrated Device Technology TSI721 Datasheet HTML 35Page - Integrated Device Technology TSI721 Datasheet HTML 36Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
3. Electrical Characteristics > DC Operating Characteristics
Tsi721 Datasheet
32
May 5, 2014
Formal Status
This document is confidential and is subject to an NDA.
Integrated Device Technology
3.5
DC Operating Characteristics
The following table lists the DC operating characteristics for 3.3V LVTTL of the Tsi721.
The following table lists the DC operating characteristics for 2.5V LVTTL of the Tsi721.
Table 15: 3.3V LVTTL DC Operating Characteristics at Recommended Operating Condition of 3.3V
Symbol
Parameter
Minimum
Maximum
Units
VIH
LVTTL input high voltage
2.0
3.6
V
VIL
LVTTL input low voltage
-0.3
0.8
V
VOH
LVTTL output high voltage
2.4
-
V
VOL
LVTTL output low voltage
-
0.4
V
R pull-up
Resistor pull-up
26K
64K
Ohm
R pull-down
Resistor pull-down
29K
79K
Ohm
CPAD
LVTTL pad capacitance
-
4
pF
Table 16: 2.5V LVTTL DC Operating Characteristics at Recommended Operating Condition of 2.5V
Symbol
Parameter
Minimum
Maximum
Units
VIH
LVTTL input high voltage
1.7
3.6
V
VIL
LVTTL input low voltage
-0.3
0.7
V
VOH
LVTTL output high voltage
1.7
-
V
VOL
LVTTL output low voltage
-
0.7
V
R pull-up
Resistor pull-up
33K
93K
Ohm
R pull-down
Resistor pull-down
34K
108K
Ohm
CPAD
LVTTL pad capacitance
-
4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com