Electronic Components Datasheet Search
  English  ▼

X  

TSI721 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # TSI721
Description  This document uses the following conventions
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI721 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button TSI721 Datasheet HTML 10Page - Integrated Device Technology TSI721 Datasheet HTML 11Page - Integrated Device Technology TSI721 Datasheet HTML 12Page - Integrated Device Technology TSI721 Datasheet HTML 13Page - Integrated Device Technology TSI721 Datasheet HTML 14Page - Integrated Device Technology TSI721 Datasheet HTML 15Page - Integrated Device Technology TSI721 Datasheet HTML 16Page - Integrated Device Technology TSI721 Datasheet HTML 17Page - Integrated Device Technology TSI721 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
1. Device Overview > Block Diagram
Tsi721 Datasheet
14
May 5, 2014
Formal Status
This document is confidential and is subject to an NDA.
Integrated Device Technology
1.3
Block Diagram
The Tsi721 block diagram is displayed in the following figure. The five main functions of the device are briefly described below.
Figure 1: Block Diagram
1.3.1
PCIe Interface
The PCIe Interface performs all the physical, data link, and transport layer protocols associated with PCIe.
1.3.2
S-RIO Interface
The S-RIO Interface performs all the physical and transport layer protocols associated with S-RIO.
1.3.3
Messaging Engine
The Messaging Engine uses S-RIO messaging logical layer functions with dedicated messaging DMA channels per Tx queue
and per Rx queue.
1.3.4
Mapping Engine
The Mapping Engine maps between PCIe and S-RIO transactions, including segmentation and reassembly as required.
1.3.5
Block DMA Engine
The Block DMA Engine uses 8 DMA channels, where descriptors of each DMA channel can perform read or write.
JTAG
I2C
GPIO
Clock
Reset
Block DMA Engine (BDMA)
Messaging Engine (SMSG)
PCIe
Gen2
Interface
(x4, x2, x1)
S-RIO
Gen2
Interface
(x4, x2, x1)
Mapping Engine
PCIe to S-RIO (PC2SR)
S-RIO to PCIe (SR2PC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com