Electronic Components Datasheet Search
  English  ▼

X  

TSI721 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # TSI721
Description  This document uses the following conventions
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI721 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button TSI721 Datasheet HTML 4Page - Integrated Device Technology TSI721 Datasheet HTML 5Page - Integrated Device Technology TSI721 Datasheet HTML 6Page - Integrated Device Technology TSI721 Datasheet HTML 7Page - Integrated Device Technology TSI721 Datasheet HTML 8Page - Integrated Device Technology TSI721 Datasheet HTML 9Page - Integrated Device Technology TSI721 Datasheet HTML 10Page - Integrated Device Technology TSI721 Datasheet HTML 11Page - Integrated Device Technology TSI721 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
Tsi721 Datasheet
8
May 5, 2014
Formal Status
This document is confidential and is subject to an NDA.
Integrated Device Technology
Object Size Notation
•A byte is an 8-bit object.
•A PCIe word is a 16-bit object.
•A PCIe doubleword (DW) is a 32-bit object.
•An S-RIO word is a 32-bit object.
•An S-RIO doubleword (Dword) is a 64-bit object.
Numeric Notation
• Hexadecimal numbers are denoted by the prefix 0x (for example, 0x04).
• Binary numbers are denoted by the prefix 0b (for example, 0b010).
• Registers that have multiple iterations are denoted by {x..y} in their names; where x is first register and address, and y is the
last register and address. For example, REG{0..1} indicates there are two versions of the register at different addresses:
REG0 and REG1.
Symbols
Revision History
May 5, 2014, Formal Status
• Updated the description of the VIN_DIFF parameter in Table 32
December 3, 2012, Formal Status
• Updated Ordering Information with production ordering numbers
February 28, 2012, Formal Status
• Added a footnote to Absolute Maximum Ratings, and removed the minimum rating for TJN from the same section
• Added TJN and a footnote to Recommended Operating Conditions
December 16, 2011, Formal Status
• Updated the minimum and maximum values for AVDD10 in Recommended Operating Conditions
• Added Power Consumption data
• Changed the Moisture Sensitivity Level to 4
May 2, 2011, Preliminary Status
• Added Decoupling Recommendation
• Updated the Package Specifications
December 9, 2010, Preliminary Status
• Added Power Supply Sequencing
• Updated DC Operating Characteristics
• Updated Reference Clocks – PCCLKP/N and REFCLKP/N
This symbol indicates important configuration information or suggestions.
This symbol indicates procedures or operating levels that may result in misuse or damage to the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com