Electronic Components Datasheet Search
  English  ▼

X  

TSI721 Datasheet(PDF) 53 Page - Integrated Device Technology

Part # TSI721
Description  This document uses the following conventions
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI721 Datasheet(HTML) 53 Page - Integrated Device Technology

Back Button TSI721 Datasheet HTML 49Page - Integrated Device Technology TSI721 Datasheet HTML 50Page - Integrated Device Technology TSI721 Datasheet HTML 51Page - Integrated Device Technology TSI721 Datasheet HTML 52Page - Integrated Device Technology TSI721 Datasheet HTML 53Page - Integrated Device Technology TSI721 Datasheet HTML 54Page - Integrated Device Technology TSI721 Datasheet HTML 55Page - Integrated Device Technology TSI721 Datasheet HTML 56Page - Integrated Device Technology TSI721 Datasheet HTML 57Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
3. Electrical Characteristics > AC Timing Specifications
Tsi721 Datasheet
53
May 5, 2014
Formal Status
This document is confidential and is subject to an NDA.
Integrated Device Technology
1. The transmitter must be able to produce a minimum T_Vdiff greater than or equal to 800mVppd. In applications where the
channel is better than the worst case allowed, a Transmitter device can be provisioned to produce T_Vdiff less than this
minimum value, but greater than or equal to 400mVppd, and is still compliant with this specification.
2. Load Type 0 with min T_Vdiff, AC-Coupling or floating load.
3. For load Type 1: R_Zvtt < 30 Ohm; T_Vtt and R_Vtt = 1.2V +5% / - 8%.
4. DC coupling compliance is optional (Load Type 1). Only Transmitters that support DC coupling are required to meet this
parameter.
For 5 Gbps links, the Transmitters eye mask will also be evaluated during the steady-state where there are no symbol
transitions – for example, a 1 followed by a 1 or a 0 followed by a 0 – and the signal has been de-emphasized. This additional
transmitter eye mask constraint is displayed in the following figure.
Figure 10: Transition and Steady State Symbol Eye Mask
Output common mode voltage
T_Vcm
Load Type
02
Section
8.5.3
100
-
1700
mV
Load Type
13,4
Section
8.5.3
630
-
1100
mV
Table 27: Level II Medium Run Transmitter Output Electrical Specifications (Continued)
Characteristic
Symbol
Reference
Minimum
Typical
Maximum
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com