Electronic Components Datasheet Search
  English  ▼

X  

TSI721 Datasheet(PDF) 33 Page - Integrated Device Technology

Part # TSI721
Description  This document uses the following conventions
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI721 Datasheet(HTML) 33 Page - Integrated Device Technology

Back Button TSI721 Datasheet HTML 29Page - Integrated Device Technology TSI721 Datasheet HTML 30Page - Integrated Device Technology TSI721 Datasheet HTML 31Page - Integrated Device Technology TSI721 Datasheet HTML 32Page - Integrated Device Technology TSI721 Datasheet HTML 33Page - Integrated Device Technology TSI721 Datasheet HTML 34Page - Integrated Device Technology TSI721 Datasheet HTML 35Page - Integrated Device Technology TSI721 Datasheet HTML 36Page - Integrated Device Technology TSI721 Datasheet HTML 37Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
3. Electrical Characteristics > Decoupling Recommendation
Tsi721 Datasheet
33
May 5, 2014
Formal Status
This document is confidential and is subject to an NDA.
Integrated Device Technology
3.6
Decoupling Recommendation
Table 17 provides the recommended decoupling for the Tsi721. Use low ESR, low lead inductance ceramic capacitors with
X7R or X5R rating.
3.7
AC Timing Specifications
This section describes the AC timing specifications and electrical characteristics for the Tsi721.
3.7.1
PCIe Differential Receiver Specifications
Table 18 lists the electrical characteristics for the PCIe differential receivers in the Tsi721. Parameters are defined separately
for 2.5 Gbps and 5.0 Gbps implementations. Table 18 is duplicated from the PCI Express Base Specification (Rev. 2.1) Section
4.3.3.4 Table 4-12 on page 270.
Table 17: Decoupling Recommendation
Rail
Decoupling
VDDIO
5x 0.1uF and 1x 10uF
AVTT
5x 0.1uF and 1x 10uF
VDD
5x 0.1uF and 1x 10uF
AVDD10
5x 0.1uF and 1x 10uF
AVDD25
5x 0.1uF and 1x10uF
Table 18: PCIe Differential Receiver Specifications
Symbol
Parameter
2.5 Gbps
5.0 Gbps
Unit
Notes
Min.
Max.
Min.
Max.
UI
Unit interval
399.88
400.12
199.94
200.06
ps
UI does not account for SSC caused
variations
VRX-DIFF-PP-CC Differential Rx peak-peak
voltage
0.175
1.2
0.120
1.2
V
See section 4.3.7.2.2 of the PCI
Express Base Specification (Rev. 2.1)
VRX-DIFF-PP-DC Differential Rx peak-peak
voltage for data clocked
Rx architecture
0.175
1.2
0.100
1.2
V
See section 4.3.7.2.2 of the PCI
Express Base Specification (Rev. 2.1)
TRX-EYE
Receiver eye time
opening
0.40
-
N/A
-
UI
Minimum eye time at Rx pins to produce
a 10-12 BER. See Note 1.
TRX-TJ-CC
Maximum Rx inherent
timing error
N/A
-
-
0.40
UI
Maximum Rx inherent total timing error
for common Refclk Rx architecture. See
Note 2.
TRX-TJ-DC
Maximum Rx inherent
timing error
N/A
-
-
0.34
UI
Maximum Rx inherent total timing error
for data clocked Rx architecture. See
Note 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com