Electronic Components Datasheet Search
  English  ▼

X  

TSI721 Datasheet(PDF) 64 Page - Integrated Device Technology

Part # TSI721
Description  This document uses the following conventions
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI721 Datasheet(HTML) 64 Page - Integrated Device Technology

Back Button TSI721 Datasheet HTML 60Page - Integrated Device Technology TSI721 Datasheet HTML 61Page - Integrated Device Technology TSI721 Datasheet HTML 62Page - Integrated Device Technology TSI721 Datasheet HTML 63Page - Integrated Device Technology TSI721 Datasheet HTML 64Page - Integrated Device Technology TSI721 Datasheet HTML 65Page - Integrated Device Technology TSI721 Datasheet HTML 66Page - Integrated Device Technology TSI721 Datasheet HTML 67Page - Integrated Device Technology TSI721 Datasheet HTML 68Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
Tsi721 Datasheet
64
May 5, 2014
Formal Status
This document is confidential and is subject to an NDA.
Integrated Device Technology
4.
Package Specifications
Topics discussed include the following:
• Package Dimensions
• Package Diagrams
• Thermal Characteristics
• Moisture Sensitivity
4.1
Package Dimensions
Table 37: Package Dimensions
Specification
Description
Package type
FCBGA
Package size
13 x 13 mm
Ball pitch
1 mm
Ball count
143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com