Electronic Components Datasheet Search
  English  ▼

X  

TSI721 Datasheet(PDF) 45 Page - Integrated Device Technology

Part # TSI721
Description  This document uses the following conventions
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI721 Datasheet(HTML) 45 Page - Integrated Device Technology

Back Button TSI721 Datasheet HTML 41Page - Integrated Device Technology TSI721 Datasheet HTML 42Page - Integrated Device Technology TSI721 Datasheet HTML 43Page - Integrated Device Technology TSI721 Datasheet HTML 44Page - Integrated Device Technology TSI721 Datasheet HTML 45Page - Integrated Device Technology TSI721 Datasheet HTML 46Page - Integrated Device Technology TSI721 Datasheet HTML 47Page - Integrated Device Technology TSI721 Datasheet HTML 48Page - Integrated Device Technology TSI721 Datasheet HTML 49Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
3. Electrical Characteristics > AC Timing Specifications
Tsi721 Datasheet
45
May 5, 2014
Formal Status
This document is confidential and is subject to an NDA.
Integrated Device Technology
3.7.4
Level I Long Run Transmitter Specifications
1. For all Load Types: R_Rdin = 100 Ohm +/- 20 Ohm.
2. Load Type 0 with min. T_Vdiff, AC-coupling or floating load.
3. It is suggested that T_SCC22 be -6 dB to be compatible with Level II transmitter requirements.
4. It is suggested that T_Ncm be limited to 5% of T_Vdiff to be compatible with Level II transmitter requirements.
For each baud rate at which the LP-Serial transmitter is specified to operate, the output eye pattern of the transmitter falls
entirely within the unshaded portion of the Transmitter Output Compliance Mask displayed in Figure 7 when measured at the
output pins of the device and the device is driving a 100 Ohm + 5% differential resistive load. The specification allows the
output eye pattern of a LP-Serial transmitter that implements pre-emphasis (to equalize the link and reduce inter-symbol
interference) to only comply with the Transmitter Output Compliance Mask when pre-emphasis is disabled or minimized.
Table 21: Level I Long Run Transmitter AC Timing Specifications
Characteristics
Symbol
Reference
Min
Typ
Max
Units
Baud Rate
T_Baud
Section 9.4.2.2
1.25
-
3.125
Gbps
Absolute Output Voltage
VO
Section 9.4.2.3
-0.40
-
2.30
Volts
Output Differential Voltage
(into floating load Rload = 100 Ohm)
T_Vdiff
Section 9.4.2.3
800
-
1600
mVppd
Differential Resistance
T_Rd
Section 9.4.1.5
80
100
120
Ohm
Recommended output rise and fall
times
(20% to 80%)
T_tr, T_tf
-
60
-
-
ps
Differential Output Return Loss
(T_baud/10 < f < T_baud/2)
T_SDD22
Section 9.4.1.6
-
-
-
dB
Differential Output Return Loss
(T_baud/10 < f < T_baud/2)
--
-
dB
Common Mode Return Loss
(625 MHz < f < T_baud)
T_TCC22
Section 9.4.1.6
-
-
Note 3
dB
Transmitter Common Mode Noise1
T_Ncm
-
-
Note 4
mVppd
Output Common Mode Voltage
T_Vcm
Load Type 02
0-
2.1
V
Multiple output skew, N < 4SMO
--
-
1000
ps
Multiple output skew, N > 4
SMO
-
-
-
2UI + 1000
ps
Unit Interval
UI
-
80
-
800
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com