Electronic Components Datasheet Search
  English  ▼

X  

LM5037MT/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Part # LM5037MT/NOPB
Description  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5037MT/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM5037MT/NOPB Datasheet HTML 24Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 25Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 26Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 27Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 28Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 29Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 30Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 31Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
-
-
-
æ
ö
æ
ö
æ
ö
æ
ö
-
ç
÷
-
´
ç
÷
ç
÷
ç
÷
ç
÷
´
è
ø
è
ø
ç
÷
=
=
=
W
ç
÷
ç
÷
´
´
ç
÷
ç
÷
ç
÷
ç
÷
è
ø
è
ø
9
DEAD
3
OSC
RT1
9
9
1
1
t
175
10
f
300
10
R
19.5 k
0.162
10
0.162
10
9
DEAD
RT2
12
12
t
175
10
R
35 k
5
10
5
10
-
-
-
æ
ö
´
=
=
=
W
ç
÷
´
´
è
ø
LM5037
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
www.ti.com
8.2.1 Design Requirements
•
Operating input voltage range: 36 V to 72 V
•
Output voltage: 5 V
•
Output current: 10 A
•
UVLO On Level: 34 V On (rising)
•
UVLO Off Level: 30 V Off (falling)
•
Output ripple voltage, VRIPPLE(OUT): < 2% (960 mVP-P)
•
Oscillator frequency ( 2× fSW per phase): 300 kHz
•
Switching frequency ( fSW per phase): 150 kHz
8.2.2 Detailed Design Procedure
8.2.2.1 Oscillator Frequency and Maximum Duty Cycle
The LM5037 oscillator frequency is twice the switching frequency of each switch in the half-bridge power stage.
fOSC = 2 × fSW
(13)
Calculate the dead-time resistor value for RRT2. The recommended of dead-time range is between 50 ns and 250
ns. A value of 175 ns is chosen, which sets a maximum duty cycle of approximately 95%. Equation 14 calculates
the RRT2 resistor value, (R9 in Figure 27) .
(14)
Use the nearest standard E96 value of 34.8 k
Ω.
Use the resistor value on the RT2 pin to calculate the required resistor value for the RT1 pin (R8 in Figure 27)
using Equation 15.
(15)
Use the nearest E96 value of 20 k
Ω.
8.2.2.2 Power Stage Design
As shown in the schematic in Figure 27, the primary components of the half-bridge power stage are:
•
Half-bridge splitter capacitors (C1, C2, C3, C4, C5 and C6)
•
Power MOSFETs (Q1 and Q2)
•
Power transformer (T1)
•
Output rectifier (D3)
•
Output filter (L2 and C18, C19, and C20)
The half-bridge stage DC input voltage divides evenly across the splitter capacitors, so that one end of the
primary-side of the power transformer connects to a DC level of approximately VIN/2. The other end of the
transformer primary is alternately connected by Q1 to the VIN pin, and then by Q2 to GND, with appropriate
dead-time in between. The device modulates the dead-time or duty cycle in order to regulate the output voltage
to the required level. Thus the primary winding is subjected to a bi-polar voltage swing of ±VIN/2. This voltage is
then scaled by the secondary to primary turns ratio (NS/NP). The secondary winding is center-tapped, so that the
double-diode, D3 can then full-wave rectify the bi-polar secondary waveform. A uni-polar pulse train occurs at the
full fOSC frequency of 300 kHz at the cathode of D3. Output filter inductor L2 and output capacitors C18, C19,
C20 then filter this pulse train to a DC output voltage plus AC ripple at the fOSC frequency.
The PWM controller adjusts the duty cycle with input line voltage in order to regulate the output voltage. The
maximum duty cycle occurs at minimum operating input voltage, which is approximately 30 V (UVLO turn-off
point).
28
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM5037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com