Electronic Components Datasheet Search
  English  ▼

X  

LM5037MT/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5037MT/NOPB
Description  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5037MT/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5037MT/NOPB Datasheet HTML 3Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 4Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 5Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 6Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 7Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 8Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 9Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 10Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LM5037
www.ti.com
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
Electrical Characteristics (continued)
over operating free-air temperature range, VVIN = 48 V, VVCC = 10 V, RRT1/SYNC = 30.1 kΩ, RRT2 = 30.1 kΩ, VUVLO = 3 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ERROR AMPLIFIER
GBW
Gain bandwidth
4
MHz
DC gain
VFB = VCOMP
1.22
1.27
Input voltage
V
VFB = VCOMP, TA = 25°C
1.245
COMP pin sink capability
VFB = 1.5 V, VCOMP = 1 V
5
13
mA
FB pin bias current
10
nA
MAIN OUTPUT DRIVERS (OUTA AND OUTB PINS)
IOUT = 50 mA, (Source)
VVCC–0.5
VOH
High-level output voltage
V
IOUT = 50 mA, (Source), TA = 25°C
VVCC–0.25
IOUT = 100 mA (Sink)
0.5
VOL
Low-level output voltage
V
IOUT = 100 mA (Sink), TA = 25°C
0.2
tRISE
Rise time
CLOAD = 1 nF
15
ns
tFALL
Fall time
CLOAD = 1 nF
13
ns
IPEAK(src)
Peak source current
VVCC = 10 V
1.2
A
IPEAK(snk)
Peak source current
VVCC = 10V
1.2
A
THERMAL SHUTDOWN
TSD
Thermal shutdown threshold
165
°C
Thermal shutdown hysteresis
25
°C
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com