Electronic Components Datasheet Search
  English  ▼

X  

LM5037MT/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Part # LM5037MT/NOPB
Description  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5037MT/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM5037MT/NOPB Datasheet HTML 18Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 19Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 20Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 21Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 22Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 23Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 24Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 25Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
CS
OUTB
AGND
VIN
R1
RF
CF
Current Sense
Q1
Power Transformer
OUTA
Q2
Level
Shift
VPWR
LM5037
VIN
VCC
from aux winding
LM5037
9V
VPWR
8.1V to 15V
LM5037
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
www.ti.com
Application Information (continued)
Figure 21. Start-up Regulator for VPWR >100 V
8.1.3 Current Sense
The CS pin receives an input signal representative of the transformer primary current, either from a current sense
transformer or from a resistor in series with the source of the OUTA and OUTB MOSFET switches. In both
cases, the sensed current creates a voltage ramp across R1, and the RFCF filter suppresses noise and transients
as shown in Figure 22 and Figure 23. Locate components R1, RF and CF as close to the device as possible. Use
a dedicated track from the current sense transformer (R1) to the ground connection (AGND pin). Ensure that the
current sense components provide greater than 220 mV at the CS pin when an over-current condition exists.
Figure 22. Current Sense Using Transformer
22
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM5037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com