Electronic Components Datasheet Search
  English  ▼

X  

LM5037MT/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Part # LM5037MT/NOPB
Description  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5037MT/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM5037MT/NOPB Datasheet HTML 14Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 15Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 16Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 17Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 18Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 19Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 20Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 21Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
RES
SS
OUTA
OUTB
0V
1V
5V
t1
t 2
t3
Current Limit Detected
at CS
12A
Current Limit Persists
100 2A
2.0V
CLK
5V
Restart
Comparator
Q
S
R
Drivers Off
Restart
Latch
SS
Current
Limit
To Output
Drivers
PWM
COMP
CS
RES
Voltage
Feedback
SS
Restart
Current
Source Logic
Drivers Off
100 mV
SS
Logic
Current
Sense Circuit
C RES
18 2A
8 2A
100 2A
LM5037
C SS
Soft-start
12A
0.25V
+5V
+5V
2.0V
LM5037
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
www.ti.com
Device Functional Modes (continued)
7.4.1.1.2
Hiccup Only
The timer can be configured for immediate activation of a hiccup sequence upon detection of an overload by
leaving the RES pin open circuit. In this configuration, the first detection of current limit condition by the CS pin
comparator initiates a hiccup cycle with SS capacitor fully discharged and a delayed restart.
7.4.1.1.3
Delayed Hiccup
Connecting a capacitor to the RES pin provides a programmed interval of cycle-by-cycle limiting before initiating
a hiccup mode restart, as previously described. The dual advantages of this configuration are that a short term
overload does not cause a hiccup mode restart but during extended overload conditions, the average dissipation
of the power converter remains very low.
7.4.1.2 Externally Controlled Hiccup
The RES pin can also be used as an input. The RES pin forces the device into a delayed restart sequence when
the pin rises to a level greater than the 2.0 V hiccup threshold. For example, an external trigger for a delayed
restart sequence may come from an over-temperature protection circuit or an output over-voltage sensor.
Figure 16. Current Limit Restart Circuit
Figure 17. Current Limit Restart Timing
18
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM5037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com