Electronic Components Datasheet Search
  English  ▼

X  

LM5037MT/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Part # LM5037MT/NOPB
Description  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5037MT/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM5037MT/NOPB Datasheet HTML 21Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 22Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 23Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 24Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 25Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 26Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 27Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 28Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
t2 =
CSS x 1V
1 2A
= 1M x CSS
t1 =
CRES x 2.0V
18 2A
= 111K x CRES
RES
SS
OUTA
OUTB
0V
1V
5V
t1
t 2
t3
Current Limit Detected
at CS
12A
Current Limit Persists
100 2A
2.0V
1.25V
STANDBY
0.45V
SHUTDOWN
VIN
5.0V
UVLO
R1
R2
22 2A
OFF
STANDBY
LM5037
LM5037
www.ti.com
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
Application Information (continued)
Ensure that both the power and voltage ratings are (0603 resistors can be rated as low as 50 V) for the selected
R1 resistor. Maintain the UVLO threshold accuracy, by using a resistor tolerance of 1% or better.
Remote control of the LM5037 operational modes can be accomplished with open drain device(s) connected to
the UVLO pin as shown in Figure 25.
Figure 25. Remote Standby and Disable Control
8.1.5 Hiccup Mode Current Limit Restart (RES Pin)
The basic operation of the hiccup mode current limit is described in the functional description. The delay time to
the initiation of a hiccup cycle is programmed by the selection of the RES pin capacitor CRES as illustrated in
Figure 26.
Figure 26. Hiccup Over-Load Restart Timing
In the case of continuous cycle-by-cycle current limit detection at the CS pin, the time required for CRES to reach
the 2.0 V hiccup mode threshold is:
(10)
For example, if CRES = 0.01 µF the time t1 is approximately 2.0 ms. The cool down time, t2 is set by the soft-start
capacitor (CSS) and the internal 1 µA SS current source, and is equal to:
(11)
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM5037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com