Electronic Components Datasheet Search
  English  ▼

X  

LM5037MT/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LM5037MT/NOPB
Description  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5037MT/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5037MT/NOPB Datasheet HTML 13Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 14Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 15Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 16Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 17Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 18Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 19Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 20Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
LM5037
www.ti.com
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
Feature Description (continued)
another value small enough to ensure the sync pulse width at RT1/SYNC is less than 60% of the clock period
under all conditions. When the synchronizing pulse transitions from low-to-high (rising edge), the voltage at the
RT1/SYNC pin must be driven to exceed 3.0 V from its nominal 2.0 Vdc level. During the synchronization clock
signal low time, the voltage at the RT1/SYNC pin clamps at 2 V by an internal regulator. The RRT1/SYNC and RRT2
resistors are always required, whether the oscillator is free running or externally synchronized.
7.3.12 Gate Driver Outputs (OUTA and OUTB Pins)
The LM5037 device provides two alternating gate driver outputs, OUTA and OUTB. The internal gate drivers can
each source and sink 1.2-A peak each. The maximum duty cycle is inherently limited to less than 50% and is
based on the value of RRT2 resistor. As an example, if the COMP pin is in a high state, RRT1/SYNC = 15 kΩ and
RRT2 = 20 kΩ then the outputs operate at a maximum duty cycle of 96%.
7.3.13 Thermal Protection
Internal thermal shutdown circuitry is provided to protect the integrated circuit in the event the maximum rated
junction temperature is exceeded. When activated, typically at 165°C, the controller is forced into a low power
standby state with the output drivers (OUTA and OUTB) and the bias regulators (VCC and REF) disabled. This
helps to prevent catastrophic failures from accidental device overheating. During thermal shutdown, the soft-start
capacitor is fully discharged and the controller follows a normal start-up sequence after the junction temperature
falls to the operating level (140°C).
7.4 Device Functional Modes
7.4.1 Overload Protection Timer
The LM5037 device provides a current limit restart timer to disable the outputs and force a delayed restart
(hiccup mode) if a current limit condition is repeatedly sensed. The number of cycle-by-cycle current limit events
required to trigger the restart is programmed by the external capacitor at the RES pin. During each PWM cycle,
the device either sources to or sinks current from the RES pin capacitor. If no current limit is detected during a
cycle, a 8-µA discharge current sink is enabled to pull the RES pin towards ground. If a current limit is detected,
the 8-µA sink current is disabled and a 18-µA current source causes the voltage at the RES pin to gradually
increase. The device protects the converter with cycle-by-cycle current limiting while the voltage at RES pin
increases. If the RES voltage reaches the 2.0 V threshold, the following restart sequence occurs (also see
Figure 16):
•
The RES capacitor and SS capacitors are fully discharged.
•
The soft-start current source is reduced from 100 µA to 1 µA.
•
The SS capacitor voltage slowly increases. When the SS voltage reaches approximately 1 V, the PWM
comparator produces the first narrow output pulse. After the first pulse occurs, the SS source current reverts
to the normal 100 µA level. The SS voltage increases at its normal rate, gradually increasing the duty cycle of
the output drivers.
•
If the overload condition persists after restart, cycle-by-cycle current limiting begins to increase the voltage on
the RES capacitor again, repeating the hiccup mode sequence.
•
If the overload condition no longer exists after restart, the RES pin remains at ground by the 8-µA current sink
and normal operation resumes.
7.4.1.1 Overload Timer Function
This section lists the modes of protection available by configuring the overload timer function.
7.4.1.1.1
Cycle-by-cycle Only
The hiccup mode can be completely disabled by connecting a zero to 50 k
Ω resistor from the RES pin to AGND.
In this configuration, the cycle-by-cycle protection limits the output current indefinitely and no hiccup sequences
occurs.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM5037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com