Electronic Components Datasheet Search
  English  ▼

X  

LM5037MT/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5037MT/NOPB
Description  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5037MT/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5037MT/NOPB Datasheet HTML 6Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 7Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 8Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 9Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 10Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 11Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 12Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 13Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
LM5037
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LM5037 PWM controller contains all the features necessary to implement double-ended power converter
topologies such as push-pull, half-bridge and full-bridge. The unique architecture allows the modulator to be
configured for either voltage-mode or current-mode control. The device provides two alternating gate driver
outputs to drive the primary-side power MOSFETs with programmable forced dead-time. The device can be
configured to operate with bias voltages ranging from 13 V to 100 V. Additional features include line undervoltage
lockout, cycle-by-cycle current limit, voltage feed-forward compensation, hiccup mode fault protection with
adjustable delays, soft-start, a 2-MHz capable oscillator with synchronization capability, precision reference and
thermal shutdown. These features simplify the design of double ended topologies. The Functional Block Diagram
section shows the functional block diagram.
10
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM5037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com