Electronic Components Datasheet Search
  English  ▼

X  

LM5037MT/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LM5037MT/NOPB
Description  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5037MT/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM5037MT/NOPB Datasheet HTML 16Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 17Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 18Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 19Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 20Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 21Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 22Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 23Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
LM5037
RAMP
CLK + LEB
CLK
Vin
Cfilter
Rfilter
RCS
Current
Sense
VREF
Cslope
Rslope
CS
Q1
Q2
CFF
Vin
SLOPE
PROPORTIONAL
TO Vin
RAMP
COMP
Gate
Drive
1V
CLK
RFF
VIN
LM5037
LM5037
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
www.ti.com
Device Functional Modes (continued)
Figure 18. Feed-Forward Voltage Mode Configuration
7.4.4 Current Mode Control
The LM5037 device can be configured in current mode control by applying the primary current signal into the
RAMP pin. One way to achieve this is shown in Figure 19, which depicts a simplified push-pull converter. The
primary current is sensed using a sense resistor and the current information is then filtered and applied to the
RAMP pin through capacitor Cslope, for use as the modulation ramp. It can be seen that the signal applied to the
RAMP pin consists of the primary current information from the CS pin plus an additional ramp for slope
compensation, added by Rslope and Cslope.
Figure 19. Current Mode Configuration
Current mode control inherently provides line voltage feed-forward, cycle-by-cycle current limiting and ease of
loop compensation as it removes the additional pole due to output inductor. Also, in push-pull and full-bridge
converters, current mode control inherently balances volt-second product in both the phases by varying the duty
cycle as needed to terminate the cycle at the same peak current for each output phase. For duty cycles greater
than 50% (25% for each phase), peak current mode controlled circuits are subject to sub-harmonic oscillation.
20
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM5037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com