Electronic Components Datasheet Search
  English  ▼

X  

LM5037MT/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5037MT/NOPB
Description  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5037MT/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM5037MT/NOPB Datasheet HTML 1Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 2Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 3Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 4Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 5Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 6Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 7Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 8Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
LM5037
www.ti.com
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
6.5 Electrical Characteristics
over operating free-air temperature range, VVIN = 48 V, VVCC = 10 V, RRT1/SYNC = 30.1 kΩ, RRT2 = 30.1 kΩ, VUVLO = 3 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STARTUP REGULATOR (VCC PIN)
IVCC = 10 mA
7.4
8
VVCC
VCC voltage
V
IVCC = 10 mA, TA = 25°C
7.7
VVCC = 7 V
45
IVCC(lim)
VCC current limit
mA
VVCC = 7 V, TA = 25°C
60
VCC Reg-
VVIN = VVCC
0.2
VCC undervoltage threshold
VVCC(UV)
VCC Reg-
V
VVIN = VVCC, TA = 25°C
0.1
Hysteresis
1.5
VVIN = 100 V, VUVLO = 0 V
430
VVIN = 100 V, VUVLO = 0 V,
350
TA = 25°C
IVIN
Startup regulator current
µA
VVIN = 48 V, VUVLO = 0 V
370
VVIN = 48 V, VUVLO = 0 V, TA = 25°C
325
Output pins and COMP = Open
5.5
Supply current into VCC from
IVCC
mA
Output pins and COMP = Open,
external source
3
TA = 25°C
VOLTAGE REFERENCE REGULATOR (REF PIN)
IREF = 0 mA
4.75
5.15
REF pin voltage
V
IREF = 0 mA, TA = 25°C
5
VREF
0 A
≤ IREF ≤ 2.5 mA
25
REF voltage regulation
mV
0 A
≤ IREF ≤ 2.5 mA, TA = 25°C
7
VREF = 4.5 V
5
IREF(lim)
REF current limit
mA
VREF = 4.5 V, TA = 25°C
10
3.7
4.3
VREF undervoltage threshold
V
TA = 25°C
4
VREF(UV)
Hysteresis
0.35
V
UNDERVOLTAGE LOCKOUT AND SHUTDOWN (UVLO PIN)
1.20
1.295
TA = 25°C
1.25
VUVLO
Undervoltage lockout threshold
V
UVLO voltage rising
0.37
0.47
UVLO voltage rising, TA = 25°C
0.42
Hysteresis voltage
0.1
V
UVLO pin sinking
18
25
IUVLO
Hysteresis current
µA
UVLO pin sinking, TA = 25°C
22
CURRENT SENSE INPUT (CS PIN)
0.22
0.29
VCS
Current limit threshold
V
TA = 25°C
0.25
tDLY(CS)
CS delay to output(1)
VCS rising from zero to 1 V. No load.
27
ns
tBLK(CS)
Leading edge blanking time at CS
66
ns
45
RCS(sink)
CS sink impedance (clocked)(2)
Ω
TA = 25°C
21
(1)
Time for OUTA pin and OUTB pin to fall to 90% of VCC.
(2)
Internal FET sink impedance.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com