Electronic Components Datasheet Search
  English  ▼

X  

LM5037MT/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM5037MT/NOPB
Description  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5037MT/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5037MT/NOPB Datasheet HTML 4Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 5Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 6Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 7Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 8Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 9Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 10Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 11Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
10k
100k
1M
10M
FREQUENCY
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
-180
-150
-120
-90
-60
-30
0
30
60
90
120
150
180
LM5037
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
www.ti.com
6.6 Typical Characteristics
VUVLO = 0 V
Figure 1. Reference Voltage vs. Input Voltage
Figure 2. Start-Up Regulator Current vs Input Voltage
Figure 3. Input Voltage vs Input Current
Figure 4. Reference Voltage vs. Reference Current
Figure 5. Feedback Amplifier Bode Plot
Figure 6. Oscillator Frequency vs
Timing Resistance (RRT1/SYNC)
8
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM5037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com