Electronic Components Datasheet Search
  English  ▼

X  

LM5037MT/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5037MT/NOPB
Description  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5037MT/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5037MT/NOPB Datasheet HTML 2Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 3Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 4Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 5Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 6Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 7Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 8Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 9Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LM5037
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range, VVIN = 48 V, VVCC = 10 V, RRT1/SYNC = 30.1 kΩ, RRT2 = 30.1 kΩ, VUVLO = 3 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT RESTART (RES PIN)
1.9
2.2
VRES
RES voltage threshold
V
TA = 25°C
2
VRES = 1.5 V
14
22
ICHG(src)
Charge source current
µA
VRES = 1.5 V, TA = 25°C
18
VRES = 1 V
5
11
IDSCHG(snk)
Discharge sink current
µA
VRES = 1 V, TA = 25°C
8
SOFT-START (SS PIN)
VSS = 0, Normal operation
70
130
VSS = 0, Normal operation, TA =
100
25°C
ISS
Charging current
µA
VSS = 0, Hiccup mode restart
0.6
1.5
VSS = 0, Hiccup mode restart, TA =
1
25°C
VSS = 2.0 V
70
130
ISS(sink)
Soft-stop current sink
µA
VSS = 2.0 V, TA = 25°C
100
OSCILLATOR (RT1/SYNC AND RT2 PINS)
RRT2 = 15 kΩ
40
105
tDEAD
Dead time
RRT2 = 15 kΩ, TA = 25°C
75
ns
RRT2 = 75 kΩ
250
RRT1/SYNC = 30.1 kΩ, RRT2 = 30.1
176
223
k
Ω
fSW1
Switching frequency 1(3)
kHz
RRT1/SYNC = 30.1 kΩ, RRT2 = 30.1
k
Ω,
200
TA = 25°C
RRT1/SYNC = 11 kΩ, RRT2 = 30.1 kΩ
441
571
fSW2
Switching frequency 2(3)
kHz
RRT1/SYNC = 11 kΩ, RRT2 = 30.1 kΩ,
508
TA = 25°C
DC voltage level
2
V
2.5
3.4
Input synchronization threshold
V
voltage
TA = 25°C
3
PWM CONTROLLER (COMP PIN)
tDLY(pwm)
Delay-to-output time
65
ns
0.7
1.2
VPWM-OS
SS to RAMP offset voltage
V
TA = 25°C
1
DMIN
Mimumum duty cycle
VSS = 0 V
0%
VFB = 0 V
4.5
5
COMP open circuit voltage
V
VFB = 0 V, TA = 25°C
4.75
VFB = 0 V, VCOMP = 0 V
0.5
1.5
COMP short circuit current
mA
VFB = 0 V, VCOMP = 0 V, TA = 25°C
1
VOLTAGE FEED-FORWARD (RAMP PIN)
20
RRAMP(sink) RAMP sink impedance (clocked)
Ω
TA = 25°C
5
(3)
Measured at OUTA, half oscillator frequency
6
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM5037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com