Electronic Components Datasheet Search
  English  ▼

X  

LM5037MT/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM5037MT/NOPB
Description  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5037MT/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5037MT/NOPB Datasheet HTML 10Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 11Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 12Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 13Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 14Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 15Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 16Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 17Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
CFF
Vin
SLOPE
PROPORTIONAL
TO Vin
RAMP
COMP
Gate
Drive
1V
CLK
RFF
VIN
LM5037
LM5037
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
www.ti.com
Feature Description (continued)
Figure 12. Feed-Forward Voltage Mode Configuration
7.3.9 Current Mode
The LM5037 device can be configured for current mode control by injecting a signal representative of primary
current into the RAMP pin. One way to achieve this is shown in Figure 13. Filter components Rfilter and Cfilter are
used to filter leading edge noise spikes. The signal at the CS pin is thus a ramp on a pedestal. The pedestal
corresponds to the continuous conduction current in the transformer at the beginning of an OUTA or OUTB
conduction cycle. The R-C circuit (RSlope and CSlope), shown in Figure 13, tied to VREF adds an additional ramp to
the current sense signal. This additional ramp signal, known as slope compensation, is required to avoid
instabilities at duty cycles above 50% (25% per phase). The compensated RAMP signal consists of two parts,
the primary current signal and the slope compensation. The compensated RAMP signal is compared to the error
signal by the PWM comparator to control the duty cycle of the outputs. The RAMP capacitor and CS capacitor
are reset through internal discharge FETs. The on-resistance (RDS(on)) of RAMP discharge FET is 5 Ω (typical);
this ensures fast discharge of the RAMP reset capacitor. Any dc voltage source can be used in place of VREF to
generate the slope compensation ramp.
The timing diagram shown in Figure 14 depicts the current mode waveforms and relative timing. When OUTA or
OUTB is enabled, the signal at the RAMP pin consists of the CS pin signal (current ramp on a pedestal) plus the
slope compensation ramp (dotted lines). When OUTA or OUTB is turned off, the primary current component is
absent but the voltage at the RAMP pin continues to rise due to slope compensation component until the end of
the clock period, after which it is reset by the RAMP discharge FET. A component selection example is explained
in detail in the Application and Implementation section.
14
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM5037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com