Electronic Components Datasheet Search
  English  ▼

X  

LM5037MT/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LM5037MT/NOPB
Description  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5037MT/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM5037MT/NOPB Datasheet HTML 20Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 21Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 22Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 23Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 24Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 25Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 26Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 27Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
1.25V
STANDBY
0.45V
SHUTDOWN
VIN
5.0V
UVLO
R1
R2
22 2A
LM5037
R1 = VHYS -
22 2A
R2 =
1.25 x R1
VPWR - 1.25
20 x 10
-3 x V
PWR
1.25
Rslope =
-1
FOSC x Cslope x In
Slope-Comp
1 -
VREF
- Rfilter
LM5037
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
www.ti.com
Application Information (continued)
Rslope can be selected from the following formula:
(8)
For example, with a Cslope of 1500 pF, FOSC of 250 kHz, reference voltage of 5V (VREF), slope compensation of
80 mV and Rfilter = 25Ω results in Rslope value of 165 kΩ.
8.1.4 UVLO Divider Selection
A dedicated comparator connected to the UVLO pin detects an input under-voltage condition. When the UVLO
pin voltage is below 0.45 V, the LM5037 controller is in a low current shutdown mode. For a UVLO pin voltage
greater than 0.45 V but less than 1.25 V, the controller is in standby mode with VCC and REF regulators active
but no switching. Once the UVLO pin voltage is greater than 1.25 V, the controller is fully enabled. When the
UVLO pin voltage rises above the 1.25-V threshold, an internal 22-µA current source as shown in Figure 24, is
activated thus providing threshold hysteresis. The 22-µA current source is deactivated when the voltage at the
UVLO pin falls below 1.25 V. Use Equation 9 to calculate resistance values for R1 and R2.
where
•
VPWR is the desired turn-on voltage
•
VHYS is the desired UVLO hysteresis at VPWR
(9)
Figure 24. Basic UVLO Configuration
For example, if the device is to be enabled when VPWR reaches 33 V, and disabled when VPWR decreases to 30
V, R1 is 113 k
Ω, and R2 is 4.42 kΩ.
CAUTION
Do not allow the voltage at the UVLO pin to exceed 7 V at any time.
24
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM5037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com