Electronic Components Datasheet Search
  English  ▼

X  

CAP1188 Datasheet(PDF) 25 Page - Microchip Technology

Part # CAP1188
Description  8 Channel Capacitive Touch Sensor with 8 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1188 Datasheet(HTML) 25 Page - Microchip Technology

Back Button CAP1188 Datasheet HTML 21Page - Microchip Technology CAP1188 Datasheet HTML 22Page - Microchip Technology CAP1188 Datasheet HTML 23Page - Microchip Technology CAP1188 Datasheet HTML 24Page - Microchip Technology CAP1188 Datasheet HTML 25Page - Microchip Technology CAP1188 Datasheet HTML 26Page - Microchip Technology CAP1188 Datasheet HTML 27Page - Microchip Technology CAP1188 Datasheet HTML 28Page - Microchip Technology CAP1188 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 79 page
background image
 2015 Microchip Technology Inc.
DS00001620C-page 25
CAP1188
3.
Deep Sleep - The device is in its lowest power state. It is not monitoring any capacitive sensor inputs and not
driving any LEDs. All LEDs will be driven to their programmed non-actuated state and no PWM operations will
be done. While in Deep Sleep, the device can be awakened by SMBus or SPI communications targeting the
device. This will not cause the DSLEEP to be cleared so the device will return to Deep Sleep once all communi-
cations have stopped.
If the device is not communicating via the 4-wire SPI bus, then during this state of operation, if the WAKE/SPI_MOSI
pin is driven high by an external source, the device will clear the DSLEEP bit and return to Fully Active.
APPLICATION NOTE:
In the Deep Sleep state, the LED output will be either high or low and will not be PWM’d at
the min or max duty cycle.
5.2
RESET Pin
The RESET pin is an active high reset that is driven from an external source. While it is asserted high, all the internal
blocks will be held in reset including the communications protocol used. No capacitive touch sensor inputs will be sam-
pled and the LEDs will not be driven. All configuration settings will be reset to default states and all readings will be
cleared.
The device will be held in Deep Sleep that can only be removed by driving the RESET pin low. This will cause the
RESET status bit to be set to a logic ‘1’ and generate an interrupt.
5.3
WAKE/SPI_MOSI Pin Operation
The WAKE / SPI_MOSI pin is a multi-function pin depending on device operation. When the device is configured to com-
municate using the 4-wire SPI bus, this pin is an input.
However, when the CAP1188 is placed in Standby and is not communicating using the 4-wire SPI protocol, the WAKE
pin is an active high output. In this condition, the device will assert the WAKE/SPI_MOSI pin when a touch is detected
on one of its sampled sensor inputs. The pin will remain asserted until the INT bit has been cleared and then it will be
de-asserted.
When the CAP1188 is placed in Deep Sleep and it is not communicating using the 4-wire SPI protocol, the WAKE/SPI_-
MOSI pin is monitored by the device as an input. If the WAKE/SPI_MOSI pin is driven high by an external source, the
CAP1188will clear the DSLEEP bit causing the device to return to Fully Active.
When the device is placed in Deep Sleep, this pin is a High-Z input and must have a pull-down resistor to GND for proper
operation.
5.4
LED Drivers
The CAP1188 contains eight (8) LED drivers. Each LED driver can be linked to its respective capacitive touch sensor
input or it can be controlled by the host. Each LED driver can be configured to operate in one of the following modes
with either push-pull or open drain drive.
1.
Direct - The LED is configured to be on or off when the corresponding input stimulus is on or off (or inverted). The
brightness of the LED can be programmed from full off to full on (default). Additionally, the LED contains controls
to individually configure ramping on, off, and turn-off delay.
2.
Pulse 1 - The LED is configured to “Pulse” (transition ON-OFF-ON) a programmable number of times with pro-
grammable rate and min / max brightness. This behavior may be actuated when a press is detected or when a
release is detected.
3.
Pulse 2 - The LED is configured to “Pulse” while actuated and then “Pulse” a programmable number of times with
programmable rate and min / max brightness when the sensor pad is released.
4.
Breathe - The LED is configured to transition continuously ON-OFF-ON (i.e. to “Breathe”) with a programmable
rate and min / max brightness.
When an LED is not linked to a sensor and is actuated by the host, there’s an option to assert the ALERT# pin when
the initiated LED behavior has completed.
5.4.1
LINKING LEDS TO CAPACITIVE TOUCH SENSOR INPUTS
All LEDs can be linked to the corresponding capacitive touch sensor input so that when the sensor input detects a touch,
the corresponding LED will be actuated at one of the programmed responses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com