Electronic Components Datasheet Search
  English  ▼

X  

CAP1188 Datasheet(PDF) 54 Page - Microchip Technology

Part # CAP1188
Description  8 Channel Capacitive Touch Sensor with 8 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1188 Datasheet(HTML) 54 Page - Microchip Technology

Back Button CAP1188 Datasheet HTML 50Page - Microchip Technology CAP1188 Datasheet HTML 51Page - Microchip Technology CAP1188 Datasheet HTML 52Page - Microchip Technology CAP1188 Datasheet HTML 53Page - Microchip Technology CAP1188 Datasheet HTML 54Page - Microchip Technology CAP1188 Datasheet HTML 55Page - Microchip Technology CAP1188 Datasheet HTML 56Page - Microchip Technology CAP1188 Datasheet HTML 57Page - Microchip Technology CAP1188 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 79 page
background image
CAP1188
DS00001620C-page 54
 2015 Microchip Technology Inc.
6.29
Linked LED Transition Control Register
The Linked LED Transition Control register controls the LED drive when the LED is linked to a capacitive touch sensor
input. These controls work in conjunction with the INV_LINK_TRAN bit (see Section 6.6.2, "Configuration 2 - 44h") to
create smooth transitions from host control to linked LEDs.
Bit 7 - LED8_LTRAN - Determines the transition effect when LED8 is linked to CS8.
• ‘0’ (default) - When the LED output control bit for LED8 is ‘1’, and then LED8 is linked to CS8 and no touch is
detected, the LED will change states.
• ‘1’ - If the INV_LINK_TRAN bit is ‘1’, when the LED output control bit for CS8 is ‘1’, and then CS8 is linked to LED8
and no touch is detected, the LED will not change states. In addition, the LED state will change when the sensor
pad is touched. If the INV_LINK_TRAN bit is ‘0’, when the LED output control bit for CS8 is ‘1’, and then CS8 is
linked to LED8 and no touch is detected, the LED will not change states. However, the LED state will not change
when the sensor pad is touched.
APPLICATION NOTE:
If the LED behavior is not “Direct” and the INV_LINK_TRAN bit it ‘0’, the LED will not perform
as expected when the LED8_LTRAN bit is set to ‘1’. Therefore, if breathe and pulse
behaviors are used, set the INV_LINK_TRAN bit to ‘1’.
Bit 6 - LED7_LTRAN - Determines the transition effect when LED7 is linked to CS7.
Bit 5 - LED6_LTRAN - Determines the transition effect when LED6 is linked to CS6.
Bit 4 - LED5_LTRAN - Determines the transition effect when LED5 is linked to CS5.
Bit 3 - LED4_LTRAN - Determines the transition effect when LED4 is linked to CS4.
Bit 2 - LED3_LTRAN - Determines the transition effect when LED3 is linked to CS3.
TABLE 6-48:
LED POLARITY BEHAVIOR
LED Output
Control
Register or
Touch
Polarity
Max Duty
Min Duty
Brightness
LED Appearance
0
inverted (‘0’)
not used
minimum % of time
that the LED is on
(logic 0)
maximum brightness at
min duty cycle
on at min duty
cycle
1
inverted (‘0’)
maximum % of time
that the LED is on
(logic 0)
minimum % of time
that the LED is on
(logic 0)
maximum brightness at
max duty cycle. Bright-
ness ramps from min
duty cycle to max duty
cycle
according to LED
behavior
0
non-inverted
(‘1’)
not used
minimum % of time
that the LED is off
(logic 1)
maximum brightness at
100 minus min duty
cycle.
on at 100 - min
duty cycle
1
non-inverted
(‘1’)
maximum % of time
that the LED is off
(logic 1)
minimum % of time
that the LED is off
(logic 1)
For Direct behavior,
maximum brightness is
100 minus max duty
cycle. When breath-
ing, max brightness is
100 minus min duty
cycle. Brightness
ramps from 100 - min
duty cycle to 100 - max
duty cycle.
according to LED
behavior
TABLE 6-49:
LINKED LED TRANSITION CONTROL REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
77h
R/W
Linked LED Tran-
sition Control
LED8_
LTRAN
LED7_
LTRAN
LED6_
LTRAN
LED5_
LTRAN
LED4_
LTRAN
LED3_
LTRAN
LED2_
LTRAN
LED1_
LTRAN
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com