Electronic Components Datasheet Search
  English  ▼

X  

CAP1188 Datasheet(PDF) 56 Page - Microchip Technology

Part # CAP1188
Description  8 Channel Capacitive Touch Sensor with 8 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1188 Datasheet(HTML) 56 Page - Microchip Technology

Back Button CAP1188 Datasheet HTML 52Page - Microchip Technology CAP1188 Datasheet HTML 53Page - Microchip Technology CAP1188 Datasheet HTML 54Page - Microchip Technology CAP1188 Datasheet HTML 55Page - Microchip Technology CAP1188 Datasheet HTML 56Page - Microchip Technology CAP1188 Datasheet HTML 57Page - Microchip Technology CAP1188 Datasheet HTML 58Page - Microchip Technology CAP1188 Datasheet HTML 59Page - Microchip Technology CAP1188 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 79 page
background image
CAP1188
DS00001620C-page 56
 2015 Microchip Technology Inc.
APPLICATION NOTE:
If an LED is not linked to a capacitive touch sensor input and is breathing (via the Breathe
or Pulse behaviors), it must be unactuated and then re-actuated before changes to behavior
are processed. For example, if the LED output is breathing and the Maximum duty cycle is
changed, this change will not take effect until the LED output control register is set to ‘0’ and
then re-set to ‘1’.
APPLICATION NOTE:
If an LED is not linked to the capacitive touch sensor input and configured to operate using
Pulse 1 Behavior, then the circuitry will only be actuated when the corresponding output
control bit is set. It will not check the bit condition until the Pulse 1 behavior is finished. The
device will not remember if the bit was cleared and reset while it was actuated.
APPLICATION NOTE:
If an LED is actuated and not linked and the desired LED behavior is changed, this new
behavior will take effect immediately; however, the first instance of the changed behavior
may act incorrectly (e.g. if changed from Direct to Pulse 1, the LED output may ‘breathe’ 4
times and then end at minimum duty cycle). LED Behaviors will operate normally once the
LED has been un-actuated and then re-actuated.
APPLICATION NOTE:
If an LED is actuated and it is switched from linked to a capacitive touch sensor input to
unlinked (or vice versa), the LED will respond to the new command source immediately if
the behavior was Direct or Breathe. For Pulse behaviors, it will complete the behavior
already in progress. For example, if a linked LED was actuated by a touch and the control
is changed so that it is unlinked, it will check the status of the corresponding LED Output
Control bit. If that bit is ‘0’, then the LED will behave as if a release was detected. Likewise,
if an unlinked LED was actuated by the LED Output Control register and the control is
changed so that it is linked and no touch is detected, then the LED will behave as if a release
was detected.
6.31.1
LED BEHAVIOR 1 - 81H
Bits 7 - 6 - LED4_CTL[1:0] - Determines the behavior of LED4 as shown in Table 6-52.
Bits 5 - 4 - LED3_CTL[1:0] - Determines the behavior of LED3 as shown in Table 6-52.
Bits 3 - 2 - LED2_CTL[1:0] - Determines the behavior of LED2 as shown in Table 6-52.
Bits 1 - 0 - LED1_CTL[1:0] - Determines the behavior of LED1 as shown in Table 6-52.
6.31.2
LED BEHAVIOR 2 - 82H
Bits 7 - 6 - LED8_CTL[1:0] - Determines the behavior of LED8 as shown in Table 6-52.
Bits 5 - 4 - LED7_CTL[1:0] - Determines the behavior of LED7 as shown in Table 6-52.
Bits 3 - 2 - LED6_CTL[1:0] - Determines the behavior of LED6 as shown in Table 6-52.
Bits 1 - 0 - LED5_CTL[1:0] - Determines the behavior of LED5 as shown in Table 6-52.
TABLE 6-52:
LEDX_CTL BIT DECODE
LEDx_CTL
[1:0]
Operation
Description
Start TRigger
Stop Trigger
10
0
0
Direct
The LED is driven to the programmed state
(active or inactive). See Figure 6-7
Touch Detected or
LED Output Con-
trol bit set
Release
Detected or
LED Output
Control bit
cleared
0
1
Pulse 1
The LED will “Pulse” a programmed number
of times. During each “Pulse” the LED will
breathe up to the maximum brightness and
back down to the minimum brightness so that
the total “Pulse” period matches the pro-
grammed value.
Touch or Release
Detected or LED
Output Control bit
set or cleared
(see Section 6.32)
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com