Electronic Components Datasheet Search
  English  ▼

X  

CAP1188 Datasheet(PDF) 10 Page - Microchip Technology

Part # CAP1188
Description  8 Channel Capacitive Touch Sensor with 8 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1188 Datasheet(HTML) 10 Page - Microchip Technology

Back Button CAP1188 Datasheet HTML 6Page - Microchip Technology CAP1188 Datasheet HTML 7Page - Microchip Technology CAP1188 Datasheet HTML 8Page - Microchip Technology CAP1188 Datasheet HTML 9Page - Microchip Technology CAP1188 Datasheet HTML 10Page - Microchip Technology CAP1188 Datasheet HTML 11Page - Microchip Technology CAP1188 Datasheet HTML 12Page - Microchip Technology CAP1188 Datasheet HTML 13Page - Microchip Technology CAP1188 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
CAP1188
DS00001620C-page 10
 2015 Microchip Technology Inc.
TABLE 3-2:
ELECTRICAL SPECIFICATIONS
VDD = 3V to 3.6V, TA = 0°C to 85°C, all typical values at TA = 27°C unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Conditions
DC Power
Supply Voltage
VDD
3.0
3.3
3.6
V
Supply Current
ISTBY
120
170
uA
Standby state active
1 sensor input monitored
No LEDs active
Default conditions (8 avg, 70ms
cycle time)
ISTBY
50
uA
Standby state active
1 sensor input monitored
No LEDs active
1 avg, 140ms cycle time,
IDSLEEP
515
uA
Deep Sleep state active
LEDs at 100% or 0% Duty Cycle
No communications
TA < 40°C
3.135 < VDD < 3.465V
IDD
500
600
uA
Capacitive Sensing Active
No LEDs active
Capacitive Touch Sensor Inputs
Maximum Base
Capacitance
CBASE
50
pF
Pad untouched
Minimum Detectable
Capacitive Shift
C
TOUCH
20
fF
Pad touched - default conditions (1
avg, 35ms cycle time, 1x sensitiv-
ity)
Recommended Cap
Shift
C
TOUCH
0.1
2
pF
Pad touched - Not tested
Power Supply Rejec-
tion
PSR
±3
±10
counts /
V
Untouched Current Counts
Base Capacitance 5pF - 50pF
Maximum sensitivity
Negative Delta Counts disabled
All other parameters default
Timing
RESET Pin Delay
tRST_DLY
10
ms
Time to communica-
tions ready
tCOMM_DLY
15
ms
Time to first conver-
sion ready
tCONV_DLY
170
200
ms
LED Drivers
Duty Cycle
DUTYLED
0
100
%
Programmable
Drive Frequency
fLED
2
kHz
Sinking Current
ISINK
24
mA
VOL = 0.4
Sourcing Current
ISOURCE
24
mA
VOH = VDD - 0.4
Leakage Current
ILEAK
±5
uA
powered or unpowered
TA < 85°C
pull-up voltage < 3.6V if unpowered
I/O Pins
Output Low Voltage
VOL
0.4
V
ISINK_IO = 8mA
Output High Voltage
VOH
VDD - 0.4
V
ISOURCE_IO = 8mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com