Electronic Components Datasheet Search
  English  ▼

X  

CAP1188 Datasheet(PDF) 60 Page - Microchip Technology

Part # CAP1188
Description  8 Channel Capacitive Touch Sensor with 8 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1188 Datasheet(HTML) 60 Page - Microchip Technology

Back Button CAP1188 Datasheet HTML 56Page - Microchip Technology CAP1188 Datasheet HTML 57Page - Microchip Technology CAP1188 Datasheet HTML 58Page - Microchip Technology CAP1188 Datasheet HTML 59Page - Microchip Technology CAP1188 Datasheet HTML 60Page - Microchip Technology CAP1188 Datasheet HTML 61Page - Microchip Technology CAP1188 Datasheet HTML 62Page - Microchip Technology CAP1188 Datasheet HTML 63Page - Microchip Technology CAP1188 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 79 page
background image
CAP1188
DS00001620C-page 60
 2015 Microchip Technology Inc.
6.34
LED Breathe Period Register
The LED Breathe Period register determines the overall period of a breathe operation as determined by the LED_CTL
registers (see Table 6-52 - setting 11b). The LSB represents 32ms so that a setting of 18h (24d) would represent a
period of 768ms. The total range is from 32ms to 4.064 seconds (see Table 6-54) with a default of 2976ms.
APPLICATION NOTE:
Due to constraints on the LED Drive PWM operation, any Breathe Period less than 160ms
(05h) may not be achievable. The device will breathe at the minimum period possible as
determined by the period and min / max duty cycle settings.
6.35
LED Configuration Register
The LED Configuration register controls general LED behavior as well as the number of pulses that are sent for the
PULSE LED output behavior.
Bit 6 - RAMP_ALERT - Determines whether the device will assert the ALERT# pin when LEDs actuated by the LED
Output Control register bits have finished their respective behaviors. Interrupts will only be generated if the LED activity
is generated by writing the LED Output Control registers. Any LED activity associated with touch detection will not cause
an interrupt to be generated when the LED behavior has been finished.
• ‘0’ (default) - The ALERT# pin will not be asserted when LEDs actuated by the LED Output Control register have
finished their programmed behaviors.
• ‘1’ - The ALERT# pin will be asserted whenever any LED that is actuated by the LED Output Control register has
finished its programmed behavior.
Bits 5 - 3 - PULSE2_CNT[2:0] - Determines the number of pulses used for the Pulse 2 behavior as shown in Table 6-58.
Bits 2 - 0 - PULSE1_CNT[2:0] - Determines the number of pulses used for the Pulse 1 behavior as shown in Table 6-58.
TABLE 6-56:
LED BREATHE PERIOD REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
86h
R/W
LED Breathe
Period
-
BR_
PER6
BR_
PER5
BR_
PER4
BR_
PER3
BR_
PER2
BR_
PER1
BR_
PER0
5Dh
TABLE 6-57:
LED CONFIGURATION REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
88h
R/W
LED Config
-
RAMP_
ALERT
PULSE2_CNT[2:0]
PULSE1_CNT[2:0]
04h
TABLE 6-58:
PULSEX_CNT DECODE
PULSEX_CNT[2:0]
Number of Breaths
21
0
0
0
0
1 (default - Pulse 2)
00
1
2
01
0
3
01
1
4
1
0
0
5 (default - Pulse 1)
10
1
6
11
0
7
11
1
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com