Electronic Components Datasheet Search
  English  ▼

X  

CAP1188 Datasheet(PDF) 37 Page - Microchip Technology

Part # CAP1188
Description  8 Channel Capacitive Touch Sensor with 8 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1188 Datasheet(HTML) 37 Page - Microchip Technology

Back Button CAP1188 Datasheet HTML 33Page - Microchip Technology CAP1188 Datasheet HTML 34Page - Microchip Technology CAP1188 Datasheet HTML 35Page - Microchip Technology CAP1188 Datasheet HTML 36Page - Microchip Technology CAP1188 Datasheet HTML 37Page - Microchip Technology CAP1188 Datasheet HTML 38Page - Microchip Technology CAP1188 Datasheet HTML 39Page - Microchip Technology CAP1188 Datasheet HTML 40Page - Microchip Technology CAP1188 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 79 page
background image
 2015 Microchip Technology Inc.
DS00001620C-page 37
CAP1188
6.6
Configuration Registers
The Configuration registers control general global functionality that affects the entire device.
6.6.1
CONFIGURATION - 20H
Bit 7 - TIMEOUT - Enables the timeout and idle functionality of the SMBus protocol.
• ‘0’ (default for Functional Revision C) - The SMBus timeout and idle functionality are disabled. The SMBus inter-
face will not time out if the clock line is held low. Likewise, it will not reset if both the data and clock lines are held
high for longer than 200us. This is used for I2C compliance.
• ‘1’ (default for Functional Revision B) - The SMBus timeout and idle functionality are enabled. The SMBus inter-
face will time out if the clock line is held low for longer than 30ms. Likewise, it will reset if both the data and clock
lines are held high for longer than 200us.
Bit 6 - WAKE_CFG - Configures the operation of the WAKE pin.
• ‘0’ (default) - The WAKE pin is not asserted when a touch is detected while the device is in Standby. It will still be
used to wake the device from Deep Sleep when driven high.
• ‘1’ - The WAKE pin will be asserted high when a touch is detected while the device is in Standby. It will also be
used to wake the device from Deep Sleep when driven high.
Bit 5 - DIS_DIG_NOISE - Determines whether the digital noise threshold (see Section 6.19, "Sensor Input Noise Thresh-
old Register") is used by the device. Setting this bit disables the feature.
• ‘0’ - The digital noise threshold is used. If a delta count value exceeds the noise threshold but does not exceed the
touch threshold, the sample is discarded and not used for the automatic re-calibration routine.
• ‘1’ (default) - The noise threshold is disabled. Any delta count that is less than the touch threshold is used for the
automatic re-calibration routine.
Bit 4 - DIS_ANA_NOISE - Determines whether the analog noise filter is enabled. Setting this bit disables the feature.
• ‘0’ (default) - If low frequency noise is detected by the analog block, the delta count on the corresponding channel
is set to 0. Note that this does not require that Noise Status bits be set.
• ‘1’ - A touch is not blocked even if low frequency noise is detected.
Bit 3 - MAX_DUR_EN - Determines whether the maximum duration recalibration is enabled.
• ‘0’ (default) - The maximum duration recalibration functionality is disabled. A touch may be held indefinitely and no
re-calibration will be performed on any sensor input.
• ‘1’ - The maximum duration recalibration functionality is enabled. If a touch is held for longer than the MAX_DUR
bit settings, then the re-calibration routine will be restarted (see Section 6.8).
6.6.2
CONFIGURATION 2 - 44H
Bit 7 - INV_LINK_TRAN - Determines the behavior of the Linked LED Transition controls (see Section 6.29).
• ‘0’ (default) - The Linked LED Transition controls set the min duty cycle equal to the max duty cycle.
• ‘1’ - The Linked LED Transition controls will invert the touch signal. For example, a touch signal will be inverted to
a non-touched signal.
Bit 6 - ALT_POL - Determines the ALERT# pin polarity and behavior.
• ‘0’ - The ALERT# pin is active high and push-pull.
• ‘1’ (default) - The ALERT# pin is active low and open drain.
TABLE 6-10:
CONFIGURATION REGISTERS
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
20h
R/W
Configuration
TIMEOUT
WAKE_
CFG
DIS_ DIG_
NOISE
DIS_ ANA_
NOISE
MAX_
DUR_EN
--
-
A0h
(Rev B)
20h
(rev C)
44h
R/W Configuration 2
INV_LINK_
TRAN
ALT_
POL
BLK_PWR_
CTRL
BLK_POL_
MIR
SHOW_
RF_
NOISE
DIS_
RF_
NOISE
-
INT_
REL_n
40h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com