Electronic Components Datasheet Search
  English  ▼

X  

CAP1188 Datasheet(PDF) 73 Page - Microchip Technology

Part # CAP1188
Description  8 Channel Capacitive Touch Sensor with 8 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1188 Datasheet(HTML) 73 Page - Microchip Technology

Back Button CAP1188 Datasheet HTML 69Page - Microchip Technology CAP1188 Datasheet HTML 70Page - Microchip Technology CAP1188 Datasheet HTML 71Page - Microchip Technology CAP1188 Datasheet HTML 72Page - Microchip Technology CAP1188 Datasheet HTML 73Page - Microchip Technology CAP1188 Datasheet HTML 74Page - Microchip Technology CAP1188 Datasheet HTML 75Page - Microchip Technology CAP1188 Datasheet HTML 76Page - Microchip Technology CAP1188 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 79 page
background image
 2015 Microchip Technology Inc.
DS00001620C-page 73
CAP1188
2Dh
Page 45
New - Multiple Touch
Pattern Register
new register for Multiple Touch Pattern
detection circuitry - pattern or number of
sensor inputs
FFh
2Fh
Page 45
Changed - Recalibration
Configuration
updated register - updated CAL_CFG bit
decode to add a 128 averages setting and
removed highest time setting. Default
changed. Added bit 6 NO_CLR_INTD and
bit 5 NO_CLR_NEG.
8Ah
38h
Page 47
Changed - Sensor Input
Noise Threshold
updated register bits - removed bits 7 - 3
and consolidated all controls into bits 1 - 0.
These bits will set the noise threshold for
all channels. Default changed
01h
39h
Removed - Noise
Threshold Register 2
removed register
n/a
41h
Page 48
Changed - Standby Con-
figuration
updated register bits - moved
STBY_AVG[2:0] bits and added STBY_-
TIME bit 1. Default changed
39h
77h
Page 54
New - Linked LED Tran-
sition Control
new register to control transition effect
when LED linked to sensor inputs
00h
79h
Page 55
New - LED Mirror Control
new register to control LED output mirror-
ing for brightness control when polarity
changed
00h
90h
Page 61
Changed - LED Pulse 1
Duty Cycle
changed bit decode to be more logarithmic
F0h
91h
Page 61
Changed - LED Pulse 2
Duty Cycle
changed bit decode to be more logarithmic
F0h
92h
Page 61
Changed - LED Breathe
Duty Cycle
changed bit decode to be more logarithmic
F0h
93h
Page 61
Changed - LED Direct
Duty Cycle
changed bit decode to be more logarithmic
F0h
95h
Added controls - LED Off
Delay
Added bits 6-4 BR_OFF_DLY[2:0]
Added bit 3 DIR_OFF_DLY[3]
00h
FDh
Page 66
Changed - Product ID
Changed bit decode for CAP1188
50h
Table A.1 Register Delta From CAP1088 to CAP1188 (continued)
Address
Register Delta
Delta
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com