Electronic Components Datasheet Search
  English  ▼

X  

CAP1188 Datasheet(PDF) 12 Page - Microchip Technology

Part # CAP1188
Description  8 Channel Capacitive Touch Sensor with 8 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1188 Datasheet(HTML) 12 Page - Microchip Technology

Back Button CAP1188 Datasheet HTML 8Page - Microchip Technology CAP1188 Datasheet HTML 9Page - Microchip Technology CAP1188 Datasheet HTML 10Page - Microchip Technology CAP1188 Datasheet HTML 11Page - Microchip Technology CAP1188 Datasheet HTML 12Page - Microchip Technology CAP1188 Datasheet HTML 13Page - Microchip Technology CAP1188 Datasheet HTML 14Page - Microchip Technology CAP1188 Datasheet HTML 15Page - Microchip Technology CAP1188 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 79 page
background image
CAP1188
DS00001620C-page 12
 2015 Microchip Technology Inc.
4.0
COMMUNICATIONS
4.1
Communications
The CAP1188communicates using the 2-wire SMBus or I2C bus, the 2-wire proprietary BC-Link, or the SPI bus. If the
proprietary BC-Link protocol is required for your application, please contact your Microchip representative for ordering
instructions. Regardless of communication mechanism, the device functionality remains unchanged. The communica-
tions mechanism as well as the SMBus (or I2C) slave address is determined by the resistor connected between the
ADDR_COMM pin and ground as shown in Table 4-1.
4.1.1
SMBUS (I2C) COMMUNICATIONS
When configured to communicate via the SMBus, the CAP1188 supports the following protocols: Send Byte, Receive
Byte, Read Byte, Write Byte, Read Block, and Write Block. In addition, the device supports I2C formatting for block read
and block write protocols.
APPLICATION NOTE:
For SMBus/I2C communications, the SPI_CS# pin is not used and should be grounded; any
data presented to this pin will be ignored.
See Section 4.2 and Section 4.3 for more information on the SMBus bus and protocols respectively.
4.1.2
SPI COMMUNICATIONS
When configured to communicate via the SPI bus, the CAP1188supports both bi-directional 3-wire and normal 4-wire
protocols and uses the SPI_CS# pin to enable communications.
APPLICATION NOTE:
See Section 4.5 and Section 4.6 for more information on the SPI bus and protocols
respectively.Upon power up, the CAP1188 will not respond to any communications for up to
15ms. After this time, full functionality is available.
4.2
System Management Bus
The CAP1188 communicates with a host controller, such as an SIO, through the SMBus. The SMBus is a two-wire serial
communication protocol between a computer host and its peripheral devices. A detailed timing diagram is shown in
Figure 4-1. Stretching of the SMCLK signal is supported; however, the CAP1188 will not stretch the clock signal.
TABLE 4-1:
ADDR_COMM PIN DECODE
Pull-Down Resistor (+/- 5%)
Protocol Used
SMBus Address
GND
SPI Communications using Normal
4-wire Protocol Used
n/a
56k
SPI Communications using Bi-
Directional 3-wire Protocol Used
n/a
68k
Reserved
n/a
82k
SMBus / I2C
0101_100(r/w)
100k
SMBus / I2C
0101_011(r/w)
120k
SMBus / I2C
0101_010(r/w)
150k
SMBus / I2C
0101_001(r/w)
VDD
SMBus / I2C
0101_000(r/w)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com