Electronic Components Datasheet Search
  English  ▼

X  

CAP1188 Datasheet(PDF) 53 Page - Microchip Technology

Part # CAP1188
Description  8 Channel Capacitive Touch Sensor with 8 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1188 Datasheet(HTML) 53 Page - Microchip Technology

Back Button CAP1188 Datasheet HTML 49Page - Microchip Technology CAP1188 Datasheet HTML 50Page - Microchip Technology CAP1188 Datasheet HTML 51Page - Microchip Technology CAP1188 Datasheet HTML 52Page - Microchip Technology CAP1188 Datasheet HTML 53Page - Microchip Technology CAP1188 Datasheet HTML 54Page - Microchip Technology CAP1188 Datasheet HTML 55Page - Microchip Technology CAP1188 Datasheet HTML 56Page - Microchip Technology CAP1188 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 79 page
background image
 2015 Microchip Technology Inc.
DS00001620C-page 53
CAP1188
Bit 7 - LED8_POL - Determines the polarity of the LED8 output.
• ‘0’ (default) - The LED8 output is inverted. For example, a setting of ‘1’ in the LED Output Control register will
cause the LED pin output to be driven to a logic ‘0’.
• ‘1’ - The LED8 output is non-inverted. For example, a setting of ‘1’ in the LED Output Control register will cause
the LED pin output to be driven to a logic ‘1’ or left in the high-z state as determined by its output type.
Bit 6 - LED7_POL - Determines the polarity of the LED7 output.
Bit 5 - LED6_POL - Determines the polarity of the LED6 output.
Bit 4 - LED5_POL - Determines the polarity of the LED5 output.
Bit 3 - LED4_POL - Determines the polarity of the LED4 output.
Bit 2 - LED3_POL - Determines the polarity of the LED3 output.
Bit 1 - LED2_POL - Determines the polarity of the LED2 output.
Bit 0 - LED1_POL - Determines the polarity of the LED1 output.
6.28
LED Output Control Register
The LED Output Control Register controls the output state of the LED pins that are not linked to sensor inputs.
The LED Polarity Control Register will determine the non actuated state of the LED pins. The actuated LED behavior is
determined by the LED behavior controls (see Section 6.31, "LED Behavior Registers").
Table 6-48 shows the interaction between the polarity controls, output controls, and relative brightness.
Bit 7 - LED8_DR - Determines whether the LED8 output is driven high or low.
• ‘0’ (default) - The LED8 output is driven at the minimum duty cycle or not actuated.
• ‘1’ - The LED8 output is driven at the maximum duty cycle or is actuated.
Bit 6 - LED7_DR - Determines whether LED7 output is driven high or low.
Bit 5 - LED6_DR - Determines whether LED6 output is driven high or low.
Bit 4 - LED5_DR - Determines whether LED5 output is driven high or low.
Bit 3 - LED4_DR - Determines whether LED4 output is driven high or low.
Bit 2 - LED3_DR - Determines whether LED3 output is driven high or low.
Bit 1 - LED2_DR - Determines whether LED2 output is driven high or low.
Bit 0 - LED1_DR - Determines whether LED1 output is driven high or low.
TABLE 6-47:
LED OUTPUT CONTROL REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
74h
R/W
LED Output
Control
LED8_
DR
LED7_
DR
LED6_
DR
LED5_
DR
LED4_
DR
LED3_
DR
LED2_
DR
LED1_
DR
00h
Note:
If an LED is linked to a sensor input in the Sensor Input LED Linking Register (Section 6.26, "Sensor Input
LED Linking Register"), the corresponding bit in the LED Output Control Register is ignored (i.e. a linked
LED cannot be host controlled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com