Electronic Components Datasheet Search
  English  ▼

X  

CAP1188 Datasheet(PDF) 64 Page - Microchip Technology

Part # CAP1188
Description  8 Channel Capacitive Touch Sensor with 8 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1188 Datasheet(HTML) 64 Page - Microchip Technology

Back Button CAP1188 Datasheet HTML 60Page - Microchip Technology CAP1188 Datasheet HTML 61Page - Microchip Technology CAP1188 Datasheet HTML 62Page - Microchip Technology CAP1188 Datasheet HTML 63Page - Microchip Technology CAP1188 Datasheet HTML 64Page - Microchip Technology CAP1188 Datasheet HTML 65Page - Microchip Technology CAP1188 Datasheet HTML 66Page - Microchip Technology CAP1188 Datasheet HTML 67Page - Microchip Technology CAP1188 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 79 page
background image
CAP1188
DS00001620C-page 64
 2015 Microchip Technology Inc.
Bits 3 - 0 - DIR_OFF_DLY[3:0] - Determines the turn-off delay, as shown in Table 6-65, for all LEDs that are configured
to operate in Direct behavior mode.
The Direct behavior operation is determined by the combination of programmed Rise Time, Fall Time, Min and Max Duty
cycles, Off Delay, and polarity. Figure 6-7 shows the behavior for non-inverted polarity (LEDx_POL = 1) while Figure 6-
8 shows the behavior for inverted polarity (LEDx_POL = 0).
1
0
0
1.0s
1
0
1
1.25s
1
1
0
1.5s
1
1
1
2.0s
FIGURE 6-7:
Direct Behavior for Non-Inverted Polarity
FIGURE 6-8:
Direct Behavior for Inverted Polarity
TABLE 6-65:
OFF DELAY DECODE
OFF Delay[3:0] Bit Decode
OFF Delay (tOFF_DLY)
32
1
0
00
0
0
0
0
0
0
1
250ms
0
0
1
0
500ms
0
0
1
1
750ms
TABLE 6-64:
BREATHE OFF DELAY SETTINGS (CONTINUED)
BR_OFF_DLY [2:0]
OFF Delay
21
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com