Electronic Components Datasheet Search
  English  ▼

X  

CAP1188 Datasheet(PDF) 47 Page - Microchip Technology

Part # CAP1188
Description  8 Channel Capacitive Touch Sensor with 8 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1188 Datasheet(HTML) 47 Page - Microchip Technology

Back Button CAP1188 Datasheet HTML 43Page - Microchip Technology CAP1188 Datasheet HTML 44Page - Microchip Technology CAP1188 Datasheet HTML 45Page - Microchip Technology CAP1188 Datasheet HTML 46Page - Microchip Technology CAP1188 Datasheet HTML 47Page - Microchip Technology CAP1188 Datasheet HTML 48Page - Microchip Technology CAP1188 Datasheet HTML 49Page - Microchip Technology CAP1188 Datasheet HTML 50Page - Microchip Technology CAP1188 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 79 page
background image
 2015 Microchip Technology Inc.
DS00001620C-page 47
CAP1188
6.18
Sensor Input Threshold Registers
The Sensor Input Threshold registers store the delta threshold that is used to determine if a touch has been detected.
When a touch occurs, the input signal of the corresponding sensor pad changes due to the capacitance associated with
a touch. If the sensor input change exceeds the threshold settings, a touch is detected.
When the BUT_LD_TH bit is set (see Section 6.17 - bit 7), writing data to the Sensor Input 1 Threshold register will
update all of the sensor input threshold registers (31h - 37h inclusive).
6.19
Sensor Input Noise Threshold Register
The Sensor Input Noise Threshold register controls the value of a secondary internal threshold to detect noise and
improve the automatic recalibration routine. If a capacitive touch sensor input exceeds the Sensor Input Noise Threshold
but does not exceed the sensor input threshold, it is determined to be caused by a noise spike. That sample is not used
by the automatic re-calibration routine. This feature can be disabled by setting the DIS_DIG_NOISE bit.
Bits 1-0 - CS1_BN_TH[1:0] - Controls the noise threshold for all capacitive touch sensor inputs, as shown in Table 6-34.
The threshold is proportional to the threshold setting.
TABLE 6-32:
SENSOR INPUT THRESHOLD REGISTERS
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
30h
R/W
Sensor Input 1
Threshold
-
64
32
16
8421
40h
31h
R/W
Sensor Input 2
Threshold
-
64
32
16
8421
40h
32h
R/W
Sensor Input 3
Threshold
-
64
32
16
8421
40h
33h
R/W
Sensor Input 4
Threshold
-
64
32
16
8421
40h
34h
R/W
Sensor Input 5
Threshold
-
64
32
16
8421
40h
35h
R/W
Sensor Input 6
Threshold
-
64
32
16
8421
40h
36h
R/W
Sensor Input 7
Threshold
-
64
32
16
8421
40h
37h
R/W
Sensor Input 8
Threshold
-
64
32
16
8421
40h
TABLE 6-33:
SENSOR INPUT NOISE THRESHOLD REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
38h
R/W
Sensor Input
Noise Threshold
CS_BN_TH [1:0]
01h
TABLE 6-34:
CSX_BN_TH BIT DECODE
CS_BN_TH[1:0]
Percent Threshold Setting
10
0
0
25%
0
1
37.5% (default)
1
0
50%
1
1
62.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com