Electronic Components Datasheet Search
  English  ▼

X  

CAP1188 Datasheet(PDF) 18 Page - Microchip Technology

Part # CAP1188
Description  8 Channel Capacitive Touch Sensor with 8 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1188 Datasheet(HTML) 18 Page - Microchip Technology

Back Button CAP1188 Datasheet HTML 14Page - Microchip Technology CAP1188 Datasheet HTML 15Page - Microchip Technology CAP1188 Datasheet HTML 16Page - Microchip Technology CAP1188 Datasheet HTML 17Page - Microchip Technology CAP1188 Datasheet HTML 18Page - Microchip Technology CAP1188 Datasheet HTML 19Page - Microchip Technology CAP1188 Datasheet HTML 20Page - Microchip Technology CAP1188 Datasheet HTML 21Page - Microchip Technology CAP1188 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 79 page
background image
CAP1188
DS00001620C-page 18
 2015 Microchip Technology Inc.
4.6.2
SET ADDRESS POINTER
The Set Address Pointer command sets the Address pointer for subsequent reads and writes of data. The pointer is set
on the rising edge of the final data bit. At the same time, the data that is to be read is fetched and loaded into the internal
output buffer but is not transmitted.
4.6.3
WRITE DATA
The Write Data protocol updates the contents of the register referenced by the address pointer. As the command is pro-
cessed, the data to be read is fetched and loaded into the internal output buffer but not transmitted. Then, the register
is updated with the data to be written. Finally, the address pointer is incremented.
FIGURE 4-4:
SPI Reset Interface Command - Normal Mode
FIGURE 4-5:
SPI Set Address Pointer Command - Normal Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com