Electronic Components Datasheet Search
  English  ▼

X  

CAP1188 Datasheet(PDF) 26 Page - Microchip Technology

Part # CAP1188
Description  8 Channel Capacitive Touch Sensor with 8 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1188 Datasheet(HTML) 26 Page - Microchip Technology

Back Button CAP1188 Datasheet HTML 22Page - Microchip Technology CAP1188 Datasheet HTML 23Page - Microchip Technology CAP1188 Datasheet HTML 24Page - Microchip Technology CAP1188 Datasheet HTML 25Page - Microchip Technology CAP1188 Datasheet HTML 26Page - Microchip Technology CAP1188 Datasheet HTML 27Page - Microchip Technology CAP1188 Datasheet HTML 28Page - Microchip Technology CAP1188 Datasheet HTML 29Page - Microchip Technology CAP1188 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 79 page
background image
CAP1188
DS00001620C-page 26
 2015 Microchip Technology Inc.
5.5
Capacitive Touch Sensing
The CAP1188 contains eight (8) independent capacitive touch sensor inputs. Each sensor input has dynamic range to
detect a change of capacitance due to a touch. Additionally, each sensor input can be configured to be automatically
and routinely re-calibrated.
5.5.1
SENSING CYCLE
Each capacitive touch sensor input has controls to be activated and included in the sensing cycle. When the device is
active, it automatically initiates a sensing cycle and repeats the cycle every time it finishes. The cycle polls through each
active sensor input starting with CS1 and extending through CS8. As each capacitive touch sensor input is polled, its
measurement is compared against a baseline “Not Touched” measurement. If the delta measurement is large enough,
a touch is detected and an interrupt is generated.
The sensing cycle time is programmable (see Section 6.10, "Averaging and Sampling Configuration Register").
5.5.2
RECALIBRATING SENSOR INPUTS
There are various options for recalibrating the capacitive touch sensor inputs. Recalibration re-sets the Base Count Reg-
isters (Section 6.24, "Sensor Input Base Count Registers") which contain the “not touched” values used for touch detec-
tion comparisons.
APPLICATION NOTE:
The device will recalibrate all sensor inputs that were disabled when it transitions from
Standby. Likewise, the device will recalibrate all sensor inputs when waking out of Deep
Sleep.
5.5.2.1
Manual Recalibration
The Calibration Activate Registers (Section 6.11, "Calibration Activate Register") force recalibration of selected sensor
inputs. When a bit is set, the corresponding capacitive touch sensor input will be recalibrated (both analog and digital).
The bit is automatically cleared once the recalibration routine has finished.
5.5.2.2
Automatic Recalibration
Each sensor input is regularly recalibrated at a programmable rate (see Section 6.17, "Recalibration Configuration Reg-
ister"). By default, the recalibration routine stores the average 64 previous measurements and periodically updates the
base “not touched” setting for the capacitive touch sensor input.
5.5.2.3
Negative Delta Count Recalibration
It is possible that the device loses sensitivity to a touch. This may happen as a result of a noisy environment, an acci-
dental recalibration during a touch, or other environmental changes. When this occurs, the base untouched sensor input
may generate negative delta count values. The NEG_DELTA_CNT bits (see Section 6.17, "Recalibration Configuration
Register") can be set to force a recalibration after a specified number of consecutive negative delta readings.
5.5.2.4
Delayed Recalibration
It is possible that a “stuck button” occurs when something is placed on a button which causes a touch to be detected
for a long period. By setting the MAX_DUR_EN bit (see Section 6.6, "Configuration Registers"), a recalibration can be
forced when a touch is held on a button for longer than the duration specified in the MAX_DUR bits (see Section 6.8,
"Sensor Input Configuration Register").
Note:
During this recalibration routine, the sensor inputs will not detect a press for up to 200ms and the Sensor
Base Count Register values will be invalid. In addition, any press on the corresponding sensor pads will
invalidate the recalibration.
Note:
Automatic recalibration only works when the delta count is below the active sensor input threshold. It is dis-
abled when a touch is detected.
Note:
During this recalibration, the device will not respond to touches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com