Electronic Components Datasheet Search
  English  ▼

X  

UCC24636DBVT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24636DBVT
Description  Synchronous Rectifier (SR) Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24636DBVT Datasheet(HTML) 17 Page - Texas Instruments

Back Button UCC24636DBVT Datasheet HTML 13Page - Texas Instruments UCC24636DBVT Datasheet HTML 14Page - Texas Instruments UCC24636DBVT Datasheet HTML 15Page - Texas Instruments UCC24636DBVT Datasheet HTML 16Page - Texas Instruments UCC24636DBVT Datasheet HTML 17Page - Texas Instruments UCC24636DBVT Datasheet HTML 18Page - Texas Instruments UCC24636DBVT Datasheet HTML 19Page - Texas Instruments UCC24636DBVT Datasheet HTML 20Page - Texas Instruments UCC24636DBVT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
tENTO
SR Driver Enabled
tEN
<64 cycles during tENTO
> 32 cycles
tEN
tENTO
SR Driver Disabled
Burst example
VPC Cycle Detect
Constant Fsw
VPC Cycle Detect
Burst Mode
SB Mode Enable
Fsw Averaging
Window
17
UCC24636
www.ti.com
SLUSCG2A – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: UCC24636
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
8.3.3 Standby Operation
To minimize power consumption at very light load and standby conditions, the UCC24636 disables the SR DRV
output and enters a low current operating state. The criteria for operating in standby mode or normal operation
are determined by the average frequency detected on the VPC pin. The frequency detection is compatible with
burst mode operation or continuous low frequency FM operation. At start up the device is in normal operation to
enable DRV to the SR MOSFET. If < 64 cycles occur in tENTO,12.8 ms typical, the device disables the DRV
output and enters low-current operating mode with bias current of ISTBY. In standby mode the criteria to enter
normal operating mode is when > 32 cycles occur within tEN, 2.56 ms typical. The device enters normal operation
as soon as the 32 cycles occur to reduce the response time exiting standby operation. The average frequency of
entering standby mode is 5 kHz typical, and the average frequency of exiting standby mode is 12.5 kHz typical.
Refer to Figure 17 for an illustration of standby mode timing.
Figure 17. Standby Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com