Electronic Components Datasheet Search
  English  ▼

X  

UCC24636DBVT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24636DBVT
Description  Synchronous Rectifier (SR) Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24636DBVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button UCC24636DBVT Datasheet HTML 18Page - Texas Instruments UCC24636DBVT Datasheet HTML 19Page - Texas Instruments UCC24636DBVT Datasheet HTML 20Page - Texas Instruments UCC24636DBVT Datasheet HTML 21Page - Texas Instruments UCC24636DBVT Datasheet HTML 22Page - Texas Instruments UCC24636DBVT Datasheet HTML 23Page - Texas Instruments UCC24636DBVT Datasheet HTML 24Page - Texas Instruments UCC24636DBVT Datasheet HTML 25Page - Texas Instruments UCC24636DBVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
UCC24636
SLUSCG2A – MARCH 2016 – REVISED MARCH 2016
www.ti.com
22
Product Folder Links: UCC24636
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.2.2 Design Requirements
For this design example, use the parameters listed in Table 1.
Table 1. Performance Specifications AC-to-DC Charger 5 V, 15 W
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
INPUT CHARACTERISTICS
VACIN
Input voltage
90
115/230
265
VRMS
fLINE
Frequency
47
50/60
64
Hz
VAC(uvlo)
Brownout voltage
IOUT = IOUT(nom)
72
VRMS
VAC(run)
Brownout recovery voltage
85
VRMS
IIN
Input current
VACIN = VACIN(min), IOUT = IOUT(nom)
335
mA
OUTPUT CHARACTERISTICS
VOUT
Output voltage
VACIN = VACIN(min) to VACIN(max),
IOUT = 0 to IOUT(nom)
4.9
5.0
5.1
V
IOUT(nom)
Nominal output current
VACIN = VACIN(min) to VACIN(max)
3.0
A
IOUT(min)
Minimum output current
VACIN = VACIN(min) to VACIN(max)
0
A
ΔVOUT
Output voltage ripple
VACIN = VACIN(min) to VACIN(max),
IOUT = 0 to IOUT(nom)
80
mV
POUT
Output power
VACIN = VACIN(min), IOUT = IOUT(nom)
15
W
SYSTEM CHARACTERISTICS
ηavg
Average efficiency
VACIN = VACIN(nom), IOUT = 25%, 50%, 75%, 100% of IOUT(nom)
85%
87%
ƞ10%
10% Load efficiency
VACIN = VACIN(nom), IOUT = 10% of IOUT(nom)
73.5%
82.5%
PNL
No load power
VACIN = VACIN(nom), IOUT = 0
14
22
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com