Electronic Components Datasheet Search
  English  ▼

X  

UCC24636DBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24636DBVT
Description  Synchronous Rectifier (SR) Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24636DBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC24636DBVT Datasheet HTML 4Page - Texas Instruments UCC24636DBVT Datasheet HTML 5Page - Texas Instruments UCC24636DBVT Datasheet HTML 6Page - Texas Instruments UCC24636DBVT Datasheet HTML 7Page - Texas Instruments UCC24636DBVT Datasheet HTML 8Page - Texas Instruments UCC24636DBVT Datasheet HTML 9Page - Texas Instruments UCC24636DBVT Datasheet HTML 10Page - Texas Instruments UCC24636DBVT Datasheet HTML 11Page - Texas Instruments UCC24636DBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
D013
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
±50
±25
0
25
50
75
100
125
150
Temperature (oC)
C010
300
310
320
330
340
350
360
370
380
390
400
±50
±25
0
25
50
75
100
125
150
Temperature (oC)
C014
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 2.5 2.7
V
VSC (V)
C007
100
120
140
160
180
200
220
240
260
280
300
±50
±25
0
25
50
75
100
125
150
Temperature (oC)
C009
8
UCC24636
SLUSCG2A – MARCH 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: UCC24636
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
VVDD = 12 V, TJ = 25°C, unless otherwise noted.
VVPC = 1.25 V
tVPC = 2 µs
Figure 7. VPC-to-VSC Ramp-Gain Ratio vs VSC Voltage
RTBLK = 5 kΩ
Figure 8. VPC Blanking Time vs Temperature (Minimum
Setting)
RTBLK = 50 kΩ
Figure 9. VPC Blanking Time vs Temperature (Maximum
Setting)
Figure 10. DRV Minimum On Time vs Temperature
Figure 11. DRV Minimum Off Time vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com