Electronic Components Datasheet Search
  English  ▼

X  

UCC24636DBVT Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24636DBVT
Description  Synchronous Rectifier (SR) Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24636DBVT Datasheet(HTML) 25 Page - Texas Instruments

Back Button UCC24636DBVT Datasheet HTML 21Page - Texas Instruments UCC24636DBVT Datasheet HTML 22Page - Texas Instruments UCC24636DBVT Datasheet HTML 23Page - Texas Instruments UCC24636DBVT Datasheet HTML 24Page - Texas Instruments UCC24636DBVT Datasheet HTML 25Page - Texas Instruments UCC24636DBVT Datasheet HTML 26Page - Texas Instruments UCC24636DBVT Datasheet HTML 27Page - Texas Instruments UCC24636DBVT Datasheet HTML 28Page - Texas Instruments UCC24636DBVT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
VPC BLK
t
100 ns
R22
18 pF
-
-
=
VSC(max)
OUT(max)
VSC(max)
R23
V
(
)
V
R11 R23
V
1.74 V
ª
º
u
«
»
¬
¼
VSC(min)
OUT(min)
VSC(min)
R23
V
(
)
V
R11 R23
V
0.52 V
ª
º
u
«
»
¬
¼
VPC _ VSC
R9 R21
R9
R11
1
R23
Ratio
1.1
R23
47 k
R11 115 k
é
ù
+
æ
ö
ê
ú
ç
÷
=
-
´
ê
ú
ç
÷
´
ê
ú
ç
÷
ç
÷
ê
ú
è
=
ø
ë
û
=
W
W
25
UCC24636
www.ti.com
SLUSCG2A – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: UCC24636
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.2.3.2 VSC Input
The value of R23 is recommended to be with the range of 25 k
Ω to 50 kΩ.
There is a 10% margin included for the initial value calculation of R11 to provide timing margin during initial
operation verification.
(11)
With R11 = 115 k
Ω, the operating range of the VSC pin is:
(12)
(13)
Therefore, VVSC is within the recommended range of 0.3 V to 2.2 V.
The UCC24636 SR timing can be optimized (SR on time increased) by increasing the R115 value after initial
operation confirmation. The RatioVPC_VSC parameter has a positive tolerance of 5.3%. Using 1% divider resistors
for VPC and VSC should allow reducing the 10% initial SR timing margin.
9.2.3.3 TBLK Input
The blanking time is set with resistor R22.
Select the blanking time to meet the following criteria based on 660-ns minimum primary on-time at high line.
tVPC-BLK = (tPRI × 0.85) – 120 ns
spacer
(14)
A value of R22 = 20 k
Ω results in a blanking time of approximately 460 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com