Electronic Components Datasheet Search
  English  ▼

X  

UCC24636DBVT Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24636DBVT
Description  Synchronous Rectifier (SR) Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24636DBVT Datasheet(HTML) 30 Page - Texas Instruments

Back Button UCC24636DBVT Datasheet HTML 26Page - Texas Instruments UCC24636DBVT Datasheet HTML 27Page - Texas Instruments UCC24636DBVT Datasheet HTML 28Page - Texas Instruments UCC24636DBVT Datasheet HTML 29Page - Texas Instruments UCC24636DBVT Datasheet HTML 30Page - Texas Instruments UCC24636DBVT Datasheet HTML 31Page - Texas Instruments UCC24636DBVT Datasheet HTML 32Page - Texas Instruments UCC24636DBVT Datasheet HTML 33Page - Texas Instruments UCC24636DBVT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
30
UCC24636
SLUSCG2A – MARCH 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: UCC24636
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
12 Device and Documentation Support
12.1 Device Support
12.1.1 Device Nomenclature
12.1.1.1 Definition of Terms (For Design Example)
•
VIN(min) = 65 V: converter minimum primary bulk capacitor voltage at maximum power
•
VIN(min)CC = 89 V: converter minimum primary bulk capacitor voltage when in CC operation at VOUT(min)
•
VIN(max) = 370 V: converter maximum primary bulk capacitor voltage
•
VOUT(min) = 1.8 V: minimum converter output operating voltage of the UCC24636
•
VOUT(max) = 6 V: maximum converter output operating voltage of the UCC24636
•
VVPC_EN = 0.45 V: synchronous rectifier enable voltage
•
VVPC(max) = 2.2 V: maximum linear operating level of VPC
•
NPS = 15: transformer primary to secondary turns ratio
•
RatioVPC_VSC = 4.15 : Current emulator gain KVPC/KVSC
•
tVPC_BLK: Minimum VPC pulse for synchronous rectifier operation
12.2 Documentation Support
12.2.1 Related Documentation
For related documentation see the following:
•
Using
the
UCC24636EVM
Secondary-Side
Synchronous
Rectifier
Controller
Diode-Replacement
Demonstration Board, Texas Instruments Literature Number (SLUUBE7)
•
UCC24636 Design Calculator (SLUC604)
•
UCC24630 Synchronous Rectifier Controller with Ultra-Low Standby Current (SLUSC82)
•
UCC28740 Constant-Voltage, Constant-Current Flyback Controller Using Opto-Coupler Feedback (SLUSBF3)
12.3 Trademarks
12.4 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
12.5 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.
13 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com