Electronic Components Datasheet Search
  English  ▼

X  

UCC24636DBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24636DBVT
Description  Synchronous Rectifier (SR) Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24636DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button UCC24636DBVT Datasheet HTML 8Page - Texas Instruments UCC24636DBVT Datasheet HTML 9Page - Texas Instruments UCC24636DBVT Datasheet HTML 10Page - Texas Instruments UCC24636DBVT Datasheet HTML 11Page - Texas Instruments UCC24636DBVT Datasheet HTML 12Page - Texas Instruments UCC24636DBVT Datasheet HTML 13Page - Texas Instruments UCC24636DBVT Datasheet HTML 14Page - Texas Instruments UCC24636DBVT Datasheet HTML 15Page - Texas Instruments UCC24636DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
12
UCC24636
SLUSCG2A – MARCH 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: UCC24636
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
The UCC24636 uses the VPC and VSC pins to sense the SR MOSFET VDS voltage and converter VOUT voltage
through resistor dividers. The information of VIN/NPS, tPRI, and VOUT can be obtained from the information on VPC
and VSC pins. The SR MOSFET turn on is determined when the SR MOSFET body diode starts conducting and
the VPC pin voltage falls to near zero; the SR MOSFET turn off is determined by the current emulator control
ramps.
The UCC24636 volt-sec control generates the internal VPC ramp and VSC ramp to emulate the transformer Volt-
Sec balancing as shown in Figure 13.
The secondary current discharge time, tSEC-DIS can be determined indirectly. The primary volt-sec ramp and
secondary volt-sec ramp both start when VPC rises above VVPC-EN and VVPC-TH. The charge currents for the VPC
and VSC ramps are determined by the voltage on the VPC and VSC pins respectively.
When VPC is higher than VVPC-EN and VVPC-TH for t > tVPC-BLK, the VPC pulse is qualified as a primary conduction
pulse and the SR can be enabled on the VPC falling edge. The VPC ramp continues to rise until the VPC falling
edge based on the real time voltage on the VPC pin and holds the peak for the cycle. The DRV output is turned
on during the VPC falling edge near zero volts, and DRV is turned off when the VSC rising ramp crosses the
VPC ramp held level.
Both VPC and VSC ramps are reset to zero on each VPC rising edge above the VVPC-EN and VVPC-TH thresholds.
To discriminate primary on-time pulses from DCM ringing, there are voltage and time criteria that must be
satisfied on the VPC pin to enable the DRV output. tVPC-BLK can be adjusted through the resistor on TBLK pin.
At the rising edge of VPC when the voltage exceeds VVPC-EN and VVPC-TH the blanking time tVPC-BLK is initiated. At
the end of tVPC-BLK, the VPC voltage is sampled during tVPC-SPL window, which is 100 ns nominal. Also at the end
of tVPC-BLK, the DRV output can be enabled.
The VPC voltage sampled during tVPC-SPL determines the VPC dynamic threshold VVPC-TH which is normally 85%
of the sampled VPC voltage. The dynamic threshold provides the ability to reject the DCM ringing and detect the
primary on-time. Noise immunity during the turn-on event of DRV at the falling edge of the VPC pin is enhanced
by a minimum DRV on time of tSRONMIN, which is 350 ns nominal.
During the falling edge of DRV, the tOFF timer is initiated which inhibits turn on of the SR until tOFF expires. This
eliminates false turn on of DRV if the DCM ringing is close to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com