Electronic Components Datasheet Search
  English  ▼

X  

UCC24636DBVT Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24636DBVT
Description  Synchronous Rectifier (SR) Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24636DBVT Datasheet(HTML) 26 Page - Texas Instruments

Back Button UCC24636DBVT Datasheet HTML 22Page - Texas Instruments UCC24636DBVT Datasheet HTML 23Page - Texas Instruments UCC24636DBVT Datasheet HTML 24Page - Texas Instruments UCC24636DBVT Datasheet HTML 25Page - Texas Instruments UCC24636DBVT Datasheet HTML 26Page - Texas Instruments UCC24636DBVT Datasheet HTML 27Page - Texas Instruments UCC24636DBVT Datasheet HTML 28Page - Texas Instruments UCC24636DBVT Datasheet HTML 29Page - Texas Instruments UCC24636DBVT Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Output Current (A)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
70
72
74
76
78
80
82
84
86
88
90
115 VAC
230 VAC
Output Current (A)
0
0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7
3
3.3 3.6
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
90 VAC
115 VAC
230 VAC
264 VAC
26
UCC24636
SLUSCG2A – MARCH 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: UCC24636
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.2.4 Application Waveforms And Curves
CH2 (Blue): Drain of synchronous rectifier Q1, 10V/Div
CH3 (Mag): VOUT, 2V/Div
CH4 (Green): DRV signal to Q1, 10V/Div
Figure 20. DRV Timing at 115 VAC, 5 V, 3 A
CH2 (Blue): Drain of synchronous rectifier Q1, 10V/Div
CH3 (Mag): VOUT, 2V/Div
CH4 (Green): DRV signal to Q1, 10V/Div
Figure 21. DRV Timing at 230 VAC, 5 V, 3 A
CH2 (Blue): Drain of synchronous rectifier Q1, 10V/Div
CH3 (Mag): VOUT, 2V/Div
CH4 (Green): DRV signal to Q1, 10V/Div
Figure 22. DRV Timing at 115 VAC, 5 V, 300 mA
CH2 (Blue): Drain of synchronous rectifier Q1, 10V/Div
CH3 (Mag): VOUT, 2V/Div
CH4 (Green): DRV signal to Q1, 10V/Div
Figure 23. DRV Timing at 115 VAC, 1.8 V, 3.3 A
Figure 24. Efficiency vs Output Current
Figure 25. Output Voltage vs Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com