Electronic Components Datasheet Search
  English  ▼

X  

UCC24636DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24636DBVT
Description  Synchronous Rectifier (SR) Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24636DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC24636DBVT Datasheet HTML 3Page - Texas Instruments UCC24636DBVT Datasheet HTML 4Page - Texas Instruments UCC24636DBVT Datasheet HTML 5Page - Texas Instruments UCC24636DBVT Datasheet HTML 6Page - Texas Instruments UCC24636DBVT Datasheet HTML 7Page - Texas Instruments UCC24636DBVT Datasheet HTML 8Page - Texas Instruments UCC24636DBVT Datasheet HTML 9Page - Texas Instruments UCC24636DBVT Datasheet HTML 10Page - Texas Instruments UCC24636DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
3.70
3.80
3.90
4.00
4.10
4.20
4.30
4.40
4.50
4.60
±50
±25
0
25
50
75
100
125
150
Temperature (oC)
C005
3.40
3.60
3.80
4.00
4.20
4.40
4.60
4.80
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8
V
VPC (V)
C006
Temperature (C )
°
-50
-25
0
25
50
75
100
125
150
300
325
350
375
400
425
450
475
500
200
225
250
275
300
325
350
375
400
±50
±25
0
25
50
75
100
125
150
Temperature (oC)
C004
80
90
100
110
120
130
140
150
±50
±25
0
25
50
75
100
125
150
Temperature (oC)
C002
3.25
3.38
3.50
3.63
3.75
3.88
4.00
4.13
4.25
4.38
4.50
4.63
4.75
±50
±25
0
25
50
75
100
125
150
Temperature (oC)
C001
V
VDD(On)
V
VDD(Off)
7
UCC24636
www.ti.com
SLUSCG2A – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: UCC24636
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.7 Typical Characteristics
VVDD = 12 V, TJ = 25°C, unless otherwise noted.
Figure 1. VDD Turn-On and Turn-Off Threshold vs
Temperature
Figure 2. Standby Current vs Temperature
Figure 3. VPC Enable Threshold vs Temperature
Figure 4. VSC Enable Threshold vs Temperature
VVPC = 1.25 V
tVPC = 1 µs
VVSC = 1.25 V
Figure 5. VPC-to-VSC Ramp Gain Ratio vs Temperature
VVSC = 1.25 V
tVPC × VVPC = 3 V-µs
Figure 6. VPC-to-VSC Ramp-Gain Ratio vs VPC Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com