Electronic Components Datasheet Search
  English  ▼

X  

UCC24636DBVT Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24636DBVT
Description  Synchronous Rectifier (SR) Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24636DBVT Datasheet(HTML) 27 Page - Texas Instruments

Back Button UCC24636DBVT Datasheet HTML 23Page - Texas Instruments UCC24636DBVT Datasheet HTML 24Page - Texas Instruments UCC24636DBVT Datasheet HTML 25Page - Texas Instruments UCC24636DBVT Datasheet HTML 26Page - Texas Instruments UCC24636DBVT Datasheet HTML 27Page - Texas Instruments UCC24636DBVT Datasheet HTML 28Page - Texas Instruments UCC24636DBVT Datasheet HTML 29Page - Texas Instruments UCC24636DBVT Datasheet HTML 30Page - Texas Instruments UCC24636DBVT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
27
UCC24636
www.ti.com
SLUSCG2A – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: UCC24636
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.3 Do's and Don'ts
•
Do operate the device within the recommended operating maximum parameters. Consider output overvoltage
conditions when determining stress.
•
Do consider the guideline for setting the blanking time resistor value illustrated in Figure 16.
•
Do not use the UCC24636 in CCM flyback converter designs. For CCM designs, use the UCC24630 with the
CCM dead time control function.
•
Do not use the UCC24636 in LLC converters as they can operate in CCM.
•
Do not add capacitance to the TBLK pin.
•
Do not add significant external capacitance to the VPC pin as there will be increased delay of the signal. If
filtering is necessary a recommended maximum capacitance is 15 pF with a lower resistor divider network
value of 10 k
Ω.
10 Power Supply Recommendations
The VDD operating range allows direct connection to converter outputs from 5 V to 24 V. Since the driver and
control share the same VDD and ground, it is recommended to place a good quality ceramic capacitor as close
as possible to VDD and GND pins. To reduce VDD noise and eliminate high-frequency ripple current injected
from the converter output, it is recommended to place a small resistance of 2.2
Ω to 10 Ω between the converter
output and VDD. The device can tolerate VDD rise times from 100 µs to very long rise times typical of constant
current chargers. The start-up sequence will always be as shown in Figure 12. VDD can be connected to an
external bias to extend the device's operating range to be compatible with converter output voltages below 3.5 V
or above 24 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com